Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9412 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # P9412
Description  30W Wireless Transmitter/Receiver (TRx)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9412 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button P9412 Datasheet HTML 14Page - Renesas Technology Corp P9412 Datasheet HTML 15Page - Renesas Technology Corp P9412 Datasheet HTML 16Page - Renesas Technology Corp P9412 Datasheet HTML 17Page - Renesas Technology Corp P9412 Datasheet HTML 18Page - Renesas Technology Corp P9412 Datasheet HTML 19Page - Renesas Technology Corp P9412 Datasheet HTML 20Page - Renesas Technology Corp P9412 Datasheet HTML 21Page - Renesas Technology Corp P9412 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
P9412 Datasheet
R35DS0011EU0120 Rev.1.2
Jul.6.21
Page 18
AC1
AC2
CMA
COM2
LDO VOUT
CMA
CM2
VRECT
COM1
CM1
CMB
CMB
Figure 6. Rx Modulation Components
Receiver-to-transmitter communication is accomplished by modulating the load applied to the receiver's inductor.
To the transmitter, this appears as an impedance change, which results in measurable variations of the
transmitter’s output waveform. Modulation is done with AC modulation, using internal switches to connect
external capacitors from AC1 and AC2 to ground.
The P9412 communicates with the base via communication packets or decodes messages sent by WPC Rx’s.
Each communication packet has the following structure.
Preamble
Header
Message
Checksum
Figure 7
. Communication Packet Structure
According to the WPC specification, the power receiver communicates with the power transmitter using
backscatter modulation. The load seen by the power transmitter’s inductor is modulated on the receiver side to
send packets. The power transmitter demodulates these signals as a modulation of coil current/voltage to
decode and receive packets.
3.13.6.
Bit Encoding Scheme
As required by the WPC, the P9412 uses a differential bi-phase encoding scheme to modulate data bits onto the
power signal. A clock frequency of 2kHz is used for this purpose. A logic ONE bit is encoded using two narrow
transitions, whereas a logic ZERO bit is encoded using two wider transitions as displayed below.
tCLK
ONE
ZERO
ONE
ZERO
ONE
ONE
ZERO
ZERO
Figure 8. Bit Encoding Scheme
Each byte in the communication packet comprises 11 bits in an asynchronous serial format, as displayed below.
Start
Stop
Parity
b0
1
2
3
4
5
6
7
b
b
b
b
b
b
b
Figure 9. Byte Encoding Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com