Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9412 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # P9412
Description  30W Wireless Transmitter/Receiver (TRx)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9412 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button P9412 Datasheet HTML 19Page - Renesas Technology Corp P9412 Datasheet HTML 20Page - Renesas Technology Corp P9412 Datasheet HTML 21Page - Renesas Technology Corp P9412 Datasheet HTML 22Page - Renesas Technology Corp P9412 Datasheet HTML 23Page - Renesas Technology Corp P9412 Datasheet HTML 24Page - Renesas Technology Corp P9412 Datasheet HTML 25Page - Renesas Technology Corp P9412 Datasheet HTML 26Page - Renesas Technology Corp P9412 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
P9412 Datasheet
R35DS0011EU0120 Rev.1.2
Jul.6.21
Page 23
hardware selection for reported Q-factor value. The external resistor dividers should be biased by the LDO1P8
power supply to avoid incorrect ADC voltage from being read in the case of a dead battery. See the P9412 User
Manual for additional details and population table for determining Q-factor reported values.
3.26
Typical Operating Characteristics
Figure 7. Wireless Initial Start-Up Waveforms Rx Mode
from First Digital PING
(ch1=Vrect, ch3=LDO5P0, ch4=LDO1P8)
Figure 8. Wireless Start-Up Waveforms Rx Mode from
First Digital PING until VOUT
ch1=Vrect, ch2=Vout, ch3=LDO5P0, ch4=LDO1P8
Figure 9. Capacitive Divider Start-up Waveforms (Initiated
after Wireless Power Start-Up), VOUT=6V
(ch1=CPN, ch2=VOUT, ch3=CPP, ch4=CPOUT8)
Figure 10. Capacitive Divider Shutdown Waveforms
(Initiated after Wireless Power Start-Up), VOUT=6V
(ch1=CPN, ch2=VOUT, ch3=CPP, ch4=CPOUT8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com