Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9412 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # P9412
Description  30W Wireless Transmitter/Receiver (TRx)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9412 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button P9412 Datasheet HTML 4Page - Renesas Technology Corp P9412 Datasheet HTML 5Page - Renesas Technology Corp P9412 Datasheet HTML 6Page - Renesas Technology Corp P9412 Datasheet HTML 7Page - Renesas Technology Corp P9412 Datasheet HTML 8Page - Renesas Technology Corp P9412 Datasheet HTML 9Page - Renesas Technology Corp P9412 Datasheet HTML 10Page - Renesas Technology Corp P9412 Datasheet HTML 11Page - Renesas Technology Corp P9412 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
P9412 Datasheet
R35DS0011EU0120 Rev.1.2
Jul.6.21
Page 8
2.3
Electrical Characteristics
VRECT = 5.5V, CLDO1P8=CLDO5P0=1.0µF, CVRECT=3×10µF, CVOUT=3×10µF, CCPOUT=3×22µF, unless otherwise noted, TA = -5°C
to 85°C, Typical values are at TA = 25°C.
Table 4. Electrical Characteristics
Symbol
Description
Conditions
Minimum
Typical
Maximum
Unit
Quiescent Current
IRECT-ACTIVE
IRECT active current
No external load on
VRECT, LDO5P0,
LDO1P8, rectifier not
switching, nEN=Low
6
10
mA
IRECT-DIS
IRECT Disable current
No external load on
VRECT, LDO5P0,
LDO1P8, rectifier not
switching, nEN=High
1
mA
Thermal Protection
TSD
Thermal Shutdown
Rising to shut down the
device
140
°C
Threshold falling to resume
130
°C
Synchronous Rectifier
RDSON_RECT_FET(NOTE2)
Full bridge MOSFET
50
mΩ
VIN_VRECT_Rx(NOTE3)
VRECT input operating
voltage range in Rx mode
3.5
21.5
V
VIN_UVLO_RISING_Rx
UVLO threshold in rising
VRECT rising with no load
2.55
V
VUVLO_HYS_Rx
UVLO hysteresis
VRECT falling (main LDO
shutdown)
200
mV
Over Voltage Protection on VRECT
VOVP_VRECT
OVP threshold
Rising on VRECT
22
24
26
V
VOVP_VRECT_HYS
OVP Hysteresis
1.5
V
VPRE_CLAMP_TH
Pre-clamp protection enabled
threshold
VOVP_VRECT percentage of
voltage to trigger PCLAMP
90
%
%IPCLAMP
Pclamp current accuracy
VRECT=20V, set at 63mA
±10
%
PCLAMP_DR
VOH
Output High Voltage
IOH=4mA
4.0
4.3
V
VOL
Output Low Voltage
IOL=8mA
0.3
0.6
V
Analog-to-Digital Converter (ADC)
N
Resolution
12
bit
VIN_FS
Full Scale input voltage
2.1
V
fSAMPLE
Sample Frequency
67.5
kSa/s
Channel
Number of Channels
16
#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com