Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9412 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # P9412
Description  30W Wireless Transmitter/Receiver (TRx)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9412 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button P9412 Datasheet HTML 5Page - Renesas Technology Corp P9412 Datasheet HTML 6Page - Renesas Technology Corp P9412 Datasheet HTML 7Page - Renesas Technology Corp P9412 Datasheet HTML 8Page - Renesas Technology Corp P9412 Datasheet HTML 9Page - Renesas Technology Corp P9412 Datasheet HTML 10Page - Renesas Technology Corp P9412 Datasheet HTML 11Page - Renesas Technology Corp P9412 Datasheet HTML 12Page - Renesas Technology Corp P9412 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
P9412 Datasheet
R35DS0011EU0120 Rev.1.2
Jul.6.21
Page 9
Symbol
Description
Conditions
Minimum
Typical
Maximum
Unit
Enable (nEN)
VIH
Input High Threshold
1.6
V
VIL
Input Low Threshold
0.25
V
InEN_LKG
Leakage Current
nEN=0V
-1
1
µA
nEN=5V
2.5
µA
Clock
FCLOCK
Clock Frequency
60
MHz
General Purpose I/O (Push-Pull Output Type)
VOH
Output logic High
IOH=8mA
1.7
V
VOL
Output logic Low
IOL=8mA
0.36
V
VIH
Input High Threshold
VRISING=0 to 1.8V
1.25
1.2
V
VIL
Input Low Threshold
VFALLING=1.8V to 0V, GPIO2
- GPIO5
0.5
V
VIL
Input Low Threshold
VFALLING=1.8V to 0V, GPIO0
and GPIO1.
1.1
1.2
V
IGPIO_LKG(NOTE2)
Leakage Current
VPIN=0V and 1.8V
-1
1
µA
General Purpose I/O (Open-Drain Output Type)
VOL
Output Low Voltage
ISINK=8mA, VPULLUP=1.8V
0.36
V
IGPOD_LKG(NOTE2)
Leakage Current
VPULLUP=1.8V, TA=25°C
-1
1
µA
LDO5P0
VLDO5P0
LDO5P0 regulation voltage
VRECT≥5.5V
4.5
4.9
5.4
V
ILDP5P0_LIMIT(NOTE2)
Current Limit
80
mA
V1P8_AP (1.8V input pin)
V1P8_AP
Input voltage range
1.7
1.9
V
VPOK_1P8_AP_RANGE
Power OK range
On V1P8_AP in rising to
indicate voltage is applied.
1.8
V
V1P8_AP_HYSTERESIS
V1P8_AP falling threshold
On V1P8_AP in falling
30
mV
IV1P8_AP_INUPT_CURRENT
V1P8_AP input current
V1P8_AP=1.8V, P9412 not
powered
5
µA
V5P0_AP (5.0V input pin)
V5P0_AP
Input voltage range
4.7
5.5
V
VPOK_5P0_AP_RANGE
Power OK range
On V5P0_AP in rising to
indicate voltage is applied.
4.95
V
V5P0_AP_HYSTERESIS
V5P0_AP falling threshold
On V5P0_AP in falling to
indicate voltage removed.
200
mV
IV5P0_AP_INPUT_CURRENT
V1P8_AP input current
V5P0_AP=5V, P9412 not
powered
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com