Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9412 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # P9412
Description  30W Wireless Transmitter/Receiver (TRx)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9412 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button P9412 Datasheet HTML 18Page - Renesas Technology Corp P9412 Datasheet HTML 19Page - Renesas Technology Corp P9412 Datasheet HTML 20Page - Renesas Technology Corp P9412 Datasheet HTML 21Page - Renesas Technology Corp P9412 Datasheet HTML 22Page - Renesas Technology Corp P9412 Datasheet HTML 23Page - Renesas Technology Corp P9412 Datasheet HTML 24Page - Renesas Technology Corp P9412 Datasheet HTML 25Page - Renesas Technology Corp P9412 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
P9412 Datasheet
R35DS0011EU0120 Rev.1.2
Jul.6.21
Page 22
PGND
X-Align
Coil
GP5
Y-Align
Coil
GP2
R1
R2
R3
R4
C1
C2
Figure 6. Typical XY Align Coil Schematic Level Connection Guide
3.22
PCLAMP Connection
The P9412 has an internal automatic DC clamping feature to protect the device from events that cause high
voltages to occur on the AC or DC side of the rectifier. The clamping engages by the VRECT connection to the
PCLAMP pin. The VRECT node must be connected to the PCLAMP pin at all times during Rx mode operation.
For greater than 5W operation, the VRECT node is connected
to the PCLAMP pin using a 50Ω to 100Ω resistor
with greater than 1/4W rating. For space constrained designs, the PCLAMP pin can be directly connected to the
VRECT node for 5W or lower power operation. See the P9412 PCLAMP Application Note for additional design
details and component selection guidance.
3.23
Low Power Ping Detection (PDETB)
Once charging has completed the wireless power connection to the TX can be ended using an End of Power
Transfer (EPT) packet to save power. The P9412 can be used to notify the host Application Processor (AP) that
it is still on the charging pad by using the PDETB (GPOD6 pin). The PDETB pin must be externally pulled up to
the host 1.8V AP power supply rail and will be held low as long as TX PING pulses are detected. If the time
interval from the previous digital ping to the next expected digital ping is exceeded the PDETB pin will be
released to indicate to the host AP the wireless device has been removed from the Tx charging pad. Proper
operation of Ping Detect also requires 1.8V to be applied to V1P8AP and GPOD0 to be pulled- to GND.
3.24
SW Inhibit
The Software (SW) Inhibit input (GPOD5) is used to end power transfer by changing the logic level from low to
high at any time. This feature will block the P9412 from performing wireless power transfer when a logic input
high is applied to the pin. If the voltage on this pin is changed from low to high during power transfer the P9412
will send EPTs until wireless power is terminated and will no longer respond to digital pings (this can be used to
prevent USB and wireless power from simultaneously operating). When the logic level is high TRx mode will also
be blocked. The P9412 will operate normally and is always active when this pin is set to a logic low input value.
3.25
Reported Q-Factor (EPP Rx mode)
After the Rx has been placed on an EPP TX the P9412 must report its’ Q-Factor to the Tx to check for Open
FOD alarm event. The Tx will be responsible for measuring the current quality factor of the Tx coil prior to
connecting to the device and the P9412 will report the typical Q observed by the product. This will be compared
to the Tx Q-factor measured value and if within the Tx allowed range charging will commence. If outside the
allowable range the Tx will not power the Rx due to suspected presence of a Foreign Object. This feature
applies to EPP wireless power protocol and every phone or end product is likely to need some tuning to the
reported Quality Factor value. This may be programmed in one of two ways: use of two resistor dividers from
LDO1P8 to IO0 and IO1 read-back by ADC or firmware register programmed at the factory (selected by
connecting GPIO0 to GND). The simplest and recommended method is to set the value using external resistors
read by the ADC at startup to set the reported Q by HW population option (recommended) or the value can be
stored in register to be sent to the Tx (requires custom firmware programmed at factory). If the value is stored in
register each product must be able to update the MTP register on the manufacturing floor to support device
receiver type or model variations. The GPIO0 and GPIO1 pins are the inputs used to select firmware register or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com