Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9412 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # P9412
Description  30W Wireless Transmitter/Receiver (TRx)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9412 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button P9412 Datasheet HTML 6Page - Renesas Technology Corp P9412 Datasheet HTML 7Page - Renesas Technology Corp P9412 Datasheet HTML 8Page - Renesas Technology Corp P9412 Datasheet HTML 9Page - Renesas Technology Corp P9412 Datasheet HTML 10Page - Renesas Technology Corp P9412 Datasheet HTML 11Page - Renesas Technology Corp P9412 Datasheet HTML 12Page - Renesas Technology Corp P9412 Datasheet HTML 13Page - Renesas Technology Corp P9412 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
P9412 Datasheet
R35DS0011EU0120 Rev.1.2
Jul.6.21
Page 10
Symbol
Description
Conditions
Minimum
Typical
Maximum
Unit
Modulation
RDSON_MODU_FET NOTE2
Modulation MOSFET
1
Ω
Main Low-Drop-Out (MLDO) Regulator (VOUT)
VMLDO_VOUT_RNG
programmable VOUT voltage
range
VRECT ≥ (Preset VOUT +
headroom)
3.5
20
V
RDS_ON_MLDO(2)
RDS_ON value
40
mΩ
Tx mode
VIN_CPOUT_Tx
CPOUT pin input operating
voltage range
5
12
V
VIN_UVLO_RISING_Tx
Under Voltage Lockout
CPOUT in rising
4.5
V
VIN_UVLO_FALLING_Tx
Under Voltage Lockout
CPOUT in falling
3.8
V
ISNSRANGE_Tx
Input Current Sense Range
Trimmed at 1.5A
2
A
Capacitive Divider
VCPOUT_RANGE_BYPASS
Bypass voltage range
Bypass Configuration Note 4
3.5
12
V
VCPOUT
Regulated Output Voltage
(Bypass Configuration)
VRECT = 5.5V, IOUT = 1.33A
4.7
5
5.3
V
VRECT = 9.5V, IOUT = 1.33A
8.2
9
9.8
V
VRECT = 12.5V, IOUT = 1.33A
11.4
12
12.6
V
VCPOUT_RANGE_2:1
2
Capacitor Divider voltage
range
Capacitor Divider
Configuration
6
10
V
VCPOUT 2
Regulated Output Voltage
(Capacitor Divider
Configuration)
VRECT = 12.5V, IOUT = 1.33A
5.6
6
6.4
V
VRECT = 15.5V, IOUT = 1.33A
7.1
7.5
7.9
V
VRECT = 20.5V, IOUT = 1.33A
9.5
10
10.5
V
VCPOUT_STEP5
CPOUT voltage step
Bypass Configuration
100
mV
Capacitor Divider Config.
50
RDSON_CP_FETs
MOSFET RDSON
20
mΩ
ICPOUT_MAX_DC
Maximum continuous output
current
Set IMLDO_VOUT_LMT_RNG=1.9A
with +/-3%
3
A
ICPOUT_ILIM
Capacitor divider current limit
OCP applied via MLDO
ILIM
3.3
A
fSW_CP_BUCK_RNG
Switching frequency range
Programmable
0.3
0.6
1.0
MHz
fSW_CP_BUCK_STEP
Switching frequency step
resolution
11
kHz
IDISCHARGE
CPP, CPN, CPOUT
discharging resistance
10
mA
IPRE_CHARGE_SOURCE
CPOUT, CPP pre-charge
current source
6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com