Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9412 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # P9412
Description  30W Wireless Transmitter/Receiver (TRx)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9412 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button P9412 Datasheet HTML 23Page - Renesas Technology Corp P9412 Datasheet HTML 24Page - Renesas Technology Corp P9412 Datasheet HTML 25Page - Renesas Technology Corp P9412 Datasheet HTML 26Page - Renesas Technology Corp P9412 Datasheet HTML 27Page - Renesas Technology Corp P9412 Datasheet HTML 28Page - Renesas Technology Corp P9412 Datasheet HTML 29Page - Renesas Technology Corp P9412 Datasheet HTML 30Page - Renesas Technology Corp P9412 Datasheet HTML 31Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
P9412 Datasheet
R35DS0011EU0120 Rev.1.2
Jul.6.21
Page 28
4.
Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas
website (see package links in Ordering Information). The package information is the most current data available
and is subject to change without revision of this document.
5.
Ordering Information
Part Number
Package Description
Carrier Type
Temperature Range
Firmware Contents
P9412-0AWQI8
4.02 × 4.01 × 0.50 mm
0.40mm Pitch, 81-WLCSP
Reel
-40°C to +85°C
Blank
6.
Revision History
Revision
Date
Description
1.2
Jul 6, 2021
• Changed VIL maximum specification for GPIOs.
• Completed other minor changes
1.1
Nov 4, 2020
Updated the ordering information.
1.0
Jun 10, 2020
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com