Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9412 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # P9412
Description  30W Wireless Transmitter/Receiver (TRx)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9412 Datasheet(HTML) 5 Page - Renesas Technology Corp

  P9412 Datasheet HTML 1Page - Renesas Technology Corp P9412 Datasheet HTML 2Page - Renesas Technology Corp P9412 Datasheet HTML 3Page - Renesas Technology Corp P9412 Datasheet HTML 4Page - Renesas Technology Corp P9412 Datasheet HTML 5Page - Renesas Technology Corp P9412 Datasheet HTML 6Page - Renesas Technology Corp P9412 Datasheet HTML 7Page - Renesas Technology Corp P9412 Datasheet HTML 8Page - Renesas Technology Corp P9412 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
P9412 Datasheet
R35DS0011EU0120 Rev.1.2
Jul.6.21
Page 5
1.2
Pin Descriptions
Table 1. Pin Descriptions
Number
Name
Type
Description
A1
SCL (OD1)
I/O
Clock for I2C Serial Interface with AP (SCL). Connect a pull-up resistor to the system I/O supply.
A2
nINT (OD3)
O
Open-drain GPIO; active-LOW interrupt from the P9412 to the AP. Connect an external pull-up to
V1P8_AP with a 10k
Ω - 100kΩ resistor. Output is active-LOW when status change occurs in the
interrupt registers.
A3
GPIO4
I/O
General purpose push-pull I/O, referenced to LDO1P8. May be left floating if unused.
A4
GPOD6
O
Ping Detect (PDET) output indicator and can be left floating if unused.
A5
GPIO2
I/O
General purpose push-pull I/O, referenced to LDO1P8. May be left floating if unused.
A6, A7, A8,
A9
CPGND
GND
Ground for capacitor divider. All CPGND pins must be connected together with PGND and GND
externally.
B1
SDA (OD2)
I/O
Data for I2C Serial Interface with AP (SDA). Connect a pull-up resistor to the system I/O supply.
B2
GPIO5
I/O
General purpose push-pull I/O, referenced to LDO1P8. It can be left floating if unused.
B3
GPOD4
I/O
General Purpose Open Drain I/O. Default state is configured as CPOUT_GD function. It can be
left floating if unused.
B4
GPOD5
I
Active High SW Inhibit input. When active the device will not connect wirelessly. Connect to GND
if unused.
B5
GPIO1
I
Reported Q-factor ADC input for EPP Rx mode. Connect to a resistor divider from LDO1P8 and
GND. Connect to GND if unused.
B6
CPBST1
O
Bootstrap capacitor connection to a CPN. Powers driver for NFET associated with CPN and
CPOUT.
B7, B8, B9
CPN
I/O
Capacitor Divider flying capacitor negative connection. Place two or three 22µF capacitors
between CPP and CPN pin.
C1, D1, D2,
D3, D4, D5,
E3, E4, J3
GND
GND
Ground. All GND pins must be connected together with PGND and CPGND externally.
C2
PCLAMP_
Dr
O
Output gate driver pin for External Clamping Circuit (5V IO level). May be left floating if unused
(only applicable for <15W designs). Connect as shown in reference design for >15W designs.
C3
GPIO3
I/O
General purpose push-pull I/O, referenced to LDO1P8. May be left floating if unused.
C4
GPOD0
I
Active low PDET enable input. Connect to GND if not used.
C5
GPIO0
I
Reported Q-factor ADC input for EPP Rx mode. Connect to a resistor divider from LDO1P8 and
GND. Connect to GND if unused (forces device to use register value to report Q in EPP Rx mode).
C6
CPBST2
O
Bootstrap capacitor connection to CPout. Powers driver for NFET associated with CPOUT and
CPP.
C7, C8, C9
CPOUT
I/O
Output of capacitor divider converter or MDLO in Bypass Configuration in Rx mode or input for
TRx mode. Connect to load switch and then to system load/TRx power supply and two 22µF
ceramic capacitors to GND.
D6
CPBST3
O
Bootstrap capacitor connection to CPP. Powers driver for NFET associated with CPP and CPout.
D7, D8, D9
CPP
I/O
Capacitor Divider flying capacitor positive connection. Place two or three 22µF capacitors
between CPP and CPN pin.
E1
nEN
I
Active-low enable pin. When it is pulled-up High by the AP GPIO, the rectifier will be set in Diode
mode, internal regulator do not activate, and firmware does not load. While it is pulled-down Low,
the device operates as programmed by firmware.
E2
DEMOD
I
Tx mode Communication Demodulator input. Connect to LC node via diode and DEMOD filter.
E5
VOUT_S
O
Main LDO output voltage sensing pin. Connect close to VOUT bypass capacitor with separate
connection from the MLDO VOUT output connection (pins E6-E9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com