Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9412 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # P9412
Description  30W Wireless Transmitter/Receiver (TRx)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9412 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button P9412 Datasheet HTML 3Page - Renesas Technology Corp P9412 Datasheet HTML 4Page - Renesas Technology Corp P9412 Datasheet HTML 5Page - Renesas Technology Corp P9412 Datasheet HTML 6Page - Renesas Technology Corp P9412 Datasheet HTML 7Page - Renesas Technology Corp P9412 Datasheet HTML 8Page - Renesas Technology Corp P9412 Datasheet HTML 9Page - Renesas Technology Corp P9412 Datasheet HTML 10Page - Renesas Technology Corp P9412 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
P9412 Datasheet
R35DS0011EU0120 Rev.1.2
Jul.6.21
Page 7
2.
Specifications
2.1
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause
permanent damage to the device. Functional operation of the P9412 at absolute maximum ratings is not implied.
Exposure to absolute maximum rating conditions may affect device reliability.
Table 2. Absolute Maximum Ratings
Symbol/Pins
Parameter
Conditions
Minimum
Maximum
Unit
TJ
Junction temperature
-
-
150
°C
TS
Storage temperature
-
-55
150
°C
HBM – All Pins except AC1,AC2,Vrect
ESD – Human Body Model
-
-
2000
V
HBM - AC1,AC2,Vrect
ESD – Human Body Model
-
-
1000
V
CDM
ESD – Charged Device Model
-
-
500
V
AC1, AC2, CM1, CM2, CMA, CMB, VRECT, PCLAMP Maximum Voltage
-0.3
26.5
V
LDO1P8, V1P8AP, GPIO0 – GPIO5
Maximum Voltage
-0.3
2
V
DEMOD, LDO5P0, V5P0AP, nEN, GPOD0, SCL
(OD1), SDA (OD2), /INT (OD3), GPOD4-GPOD6,
PLCAMP_Dr, VENSE, TxEN
Maximum Voltage
-0.3
6
V
BST1, BST2
Maximum Voltage
-0.3
AC1+5, AC2+5
V
CPOUT, CPN, CPP, ISP, ISN
Maximum Voltage
-0.3
13
V
CPBST1
Maximum Voltage
-0.3
CPN + 5
V
CPBST2
Maximum Voltage
-0.3
CPOUT + 5
V
CPBST3
Maximum Voltage
-0.3
CPP + 5
V
CPGND, GND, PGND
Maximum Voltage
-0.3
0.3
V
VOUT, VOUT_S
Maximum Voltage
-0.3
21.5
V
CPOUT Output Current
Maximum RMS Current
3.3
A
AC1, AC2
Maximum RMS Current1
2
A
VOUT Output Current
Maximum RMS Current
1.65
A
2.2
Thermal Characteristics 2,3,4,5
Table 3. Thermal Characteristics
Symbol
Parameter
Value
Unit
θ
JA
4
Theta JA. Junction to ambient.
25.5
°C/W
θ
JB
4
Theta JB. Junction to board.
1.5
°C/W
θ
JC
4
Theta JC. Junction to case.
0.08
°C/W
-
Moisture Sensitivity Rating (Per J-STD-020)
MSL 1
-
1.
Rectifier Mosfets are fully turned on.
2.
The maximum power dissipation is PD(MAX) = (TJ(MAX) -
TA) / θJA where TJ(MAX) is 125°C. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the device will enter thermal shutdown.
3.
This thermal rating was calculated on JEDEC 51 standard 4-layer board with dimensions 3” × 4.5” in still air conditions.
4.
Actual thermal resistance is affected by PCB size, solder joint quality, layer count, copper thickness, air flow, altitude, and other
unlisted variables.
5.
For the WLCSP (AHG81) package, connecting PGND balls and at least TBD# other CSP balls (TBD# thermal balls total) to
internal/external ground planes from top to bottom sides of the PCB is recommended for improving the overall thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com