Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 4Page - Renesas Technology Corp P9415-R Datasheet HTML 5Page - Renesas Technology Corp P9415-R Datasheet HTML 6Page - Renesas Technology Corp P9415-R Datasheet HTML 7Page - Renesas Technology Corp P9415-R Datasheet HTML 8Page - Renesas Technology Corp P9415-R Datasheet HTML 9Page - Renesas Technology Corp P9415-R Datasheet HTML 10Page - Renesas Technology Corp P9415-R Datasheet HTML 11Page - Renesas Technology Corp P9415-R Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
8
May 4, 2021
2. Pin Descriptions
Table 1.
Pin Descriptions
Pin Number
Name
Type
Description
A1
COM1
O
High-voltage open-drain modulation FET. Connect a capacitor from AC1 to COM1.
A2
GP1 / Q_MAIN
I/O
General Purpose Push-Pull I/O, referenced to LDO1P8. This pin is used to set the default Q
factor reported in the EPP mode. Default Q factor = Q factor main (based on GP1 voltage) + Q
factor offset (based on GP3 voltage). To use the firmware default Q factor, connect this pin to
GND.
A3
OD0 / SCL
I/O
Clock for I2C Serial Interface with AP (SCL). Connect a pull-up resistor to the system I/O supply.
A4
OD3 / ALIGN_X
I/O
AC input for coil alignment guide in the X-direction. This pin can be left floating if not used.
A5
GP4 /
I2C_ADDR_SEL
I/O
General Purpose Push-Pull I/O, referenced to LDO1P8. The pin is used to select the device I2C
slave address. When this pin is pulled to LDO1P8, the I2C Address is 0x3F and when this pin
pulled to GND, the I2C Address is 0x3B.
A6
COM2
O
High-voltage open-drain modulation FET. Connect a capacitor from AC2 to COM2.
B1
CMA
O
High-voltage open-drain modulation FET. Connect a capacitor from AC1 to CMA.
B2
GP0 / PWRGD
I/O
Power good output pin. Connect this pin to the application processor (AP). The P9415-R drives
this pin HIGH to notify the AP host that received power is good in Rx mode. Tx mode does not
use this pin. It can be left floating if not used; do not connect it to the ground.
B3
OD1 / SDA
I/O
Data for I2C Serial Interface with AP (SDA). Connect a pull-up resistor to the system I/O supply.
B4
OD4 / ALIGN_Y
I/O
AC input for coil alignment guide in the Y direction. This pin can be left floating if not used.
B6
CMB
O
High-voltage open-drain modulation FET. Connect a capacitor from AC2 to CMB.
C3
OD2 / INT
I/O
Interrupt output pin ( INT ). Connect this pin to the application processor (AP) I/O voltage rail
using an external pull-up resistor. The P9415-R drives this pin LOW to notify the AP host of status
changes. This pin can be left floating if not used.
C4
ECLAMP_DRV
O
Push-Pull output driver for External Power Clamp FET gate control (Connect a resistor from Vrect
to the external FET to GND). This pin can be left floating if not used.
C5
GP2 /
THERMISTOR
I/O
General Purpose Push-Pull I/O, referenced to LDO1P8. This pin can be used to measure coil
temperature with an external thermistor. The P9415-R interrupts the processor when the coil
voltage goes below 0.6V. During the startup phase, this pin is set as a high-impedance. Pull this
pin to 1.8V with a resistor if not used (Thermistor).
D1
LDO5P0
O
Internal 5V LDO for chip power only (always On when VRECT is powered). Connect a capacitor
to the ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com