Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 8Page - Renesas Technology Corp P9415-R Datasheet HTML 9Page - Renesas Technology Corp P9415-R Datasheet HTML 10Page - Renesas Technology Corp P9415-R Datasheet HTML 11Page - Renesas Technology Corp P9415-R Datasheet HTML 12Page - Renesas Technology Corp P9415-R Datasheet HTML 13Page - Renesas Technology Corp P9415-R Datasheet HTML 14Page - Renesas Technology Corp P9415-R Datasheet HTML 15Page - Renesas Technology Corp P9415-R Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
12
May 4, 2021
Symbol
Description
Conditions
Minimum
Typical
Maximum Units
∆
VMLDO_VOUT_LOAD
Load Regulation
IOUT = 20mA to 1.33A,
VOUT = 5V
30
90
mV
IOUT_MAX
Maximum IOUT
VOUT = 5V to 19V
IMLDO_ILMT (default
configuration setting)
1.5
A
FET RDSON
RDSON_MLDO
Main LDO
40
mΩ
RDSON_RECT
Rectifier
50
mΩ
RDSON_CMA/CMB/COM1/COM2
Communication A/B/1/2
1
Ω
Input Supplies and UVLO (Tx Mode, VIN_VOUT = 7.5V)
VIN_VOUT_Tx[b][d]
VOUT Input Operating
Voltage Range Tx
4.5
7.5
12
V
VIN_UVLO_Tx
Under-Voltage Lockout Tx
VIN Rising, power into VOUT
pin
3.1
3.4
V
Analog to Digital Converter
N
Resolution
12
Bit
fSAMPLE
Sampling Rate
67.5
kSa/s
VIN,FS[f]
Full scale Input voltage
2.1
V
Thermal Shutdown
TSD
Thermal shutdown
Threshold Rising
140
o
C
Threshold Falling
130
o
C
Enable Input nEN
VIH
Input Threshold High
1.6
V
VIL
Input Threshold Low
0.25
V
InEN_LKG
nEN Leakage Current
VnEN = 0V
-1
1
μA
VnEN = 5.0V
2.5
μA
Open Drain Inputs/Outputs (SCL, SDA, OD2, OD3, OD4)
VIH
Input High Voltage
1.4
V
VIL
Input Low Voltage
0.5
V
ILKG
Input Leakage Current
V = 0V and 5V; Digital or
ADC input mode.
-1
1
μA
VOL
Output Low Voltage
IOL = 8mA
0.36
V
Push-Pull General Purpose Inputs/Outputs (GP0, GP1, GP2, GP3, GP4, GP5, GP6)
VIH
Input High Voltage
1.4
V
VIL
Input Low Voltage
0.65
V
ILKG
Input Leakage Current
V = 0V and 1.8V; Digital or
ADC input mode
-1.5
1.5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com