Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 52Page - Renesas Technology Corp P9415-R Datasheet HTML 53Page - Renesas Technology Corp P9415-R Datasheet HTML 54Page - Renesas Technology Corp P9415-R Datasheet HTML 55Page - Renesas Technology Corp P9415-R Datasheet HTML 56Page - Renesas Technology Corp P9415-R Datasheet HTML 57Page - Renesas Technology Corp P9415-R Datasheet HTML 58Page - Renesas Technology Corp P9415-R Datasheet HTML 59Page - Renesas Technology Corp P9415-R Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
56
May 4, 2021
Table 48. System Command Register (0x76)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x77 [7:0]
Reserved
W
0
Reserved.
0x76 [7]
Reserved
W
0
Reserved.
0x76 [6]
CTCMND
W
0
AP sets 1 to set CT command. The P9415 will read CT command from CT
Command register and implement.
P9415 clears the bit after processing the command.
0x76 [5]
TX_CLRINT
W
0
AP sets 1 to clear interrupt.
P9415 clears the bit after processing the command.
0x76 [4]
Reserved
W
0
Reserved
0x76 [3]
TX_BC
W
0
AP sets 1 to send a proprietary packet to Rx.
P9415 clears the bit after processing the command
0x76 [2]
TX_DIS
W
0
AP sets 1 to disable Tx mode.
P9415 clears the bit after processing the command.
0x76 [1]
Reserved
W
0
Reserved
0x76 [0]
TX_EN
W
0
AP sets 1 to enable Tx mode.
P9415 clears the bit after processing the command
Note:
It costs time to implement the command. AP could write new command to System Command Register 3~5ms after the previous
command.
Table 49. Over Voltage Threshold Register in Tx Mode (0x98)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x98 [15:0]
OVpThd
R/W
0x2AF8 Over-voltage threshold in Tx mode, value in mV.
Table 50. Over Current Threshold Register in Tx Mode (0x9A)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x9A [15:0]
OCpThd
R/W
0x05DC Over-current threshold in Tx mode, value in mA.
Table 51. FOD Low Segment Threshold Register in Tx Mode (0xA8)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0xA8 [15:0]
FodThdL
R/W
0x0320 FOD threshold for low level segment in Tx mode, value in mW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com