Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 11Page - Renesas Technology Corp P9415-R Datasheet HTML 12Page - Renesas Technology Corp P9415-R Datasheet HTML 13Page - Renesas Technology Corp P9415-R Datasheet HTML 14Page - Renesas Technology Corp P9415-R Datasheet HTML 15Page - Renesas Technology Corp P9415-R Datasheet HTML 16Page - Renesas Technology Corp P9415-R Datasheet HTML 17Page - Renesas Technology Corp P9415-R Datasheet HTML 18Page - Renesas Technology Corp P9415-R Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
15
May 4, 2021
7. Typical Performance Characteristics
The following performance characteristics were taken using a P9243-GB-EVK with WPC MP-A11 coil and P9415-R-EVK evaluation board with
default configuration in at TA = 25°C unless otherwise noted.
Figure 3. System Efficiency vs Output Current, VOUT = 12V
Figure 4. VRECT vs Output Current, VOUT = 12V
45
50
55
60
65
70
75
80
85
90
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
OUTPUT CURRENT[A]
P9415-R EFFICIENCY VS. OUTPUT CURRENT, VOUT=12V
11.6
11.8
12
12.2
12.4
12.6
12.8
13
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
OUTPUT CURRENT[A]
Rectfier Voltage VS. OUTPUT CURRENT, VOUT=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com