Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 41Page - Renesas Technology Corp P9415-R Datasheet HTML 42Page - Renesas Technology Corp P9415-R Datasheet HTML 43Page - Renesas Technology Corp P9415-R Datasheet HTML 44Page - Renesas Technology Corp P9415-R Datasheet HTML 45Page - Renesas Technology Corp P9415-R Datasheet HTML 46Page - Renesas Technology Corp P9415-R Datasheet HTML 47Page - Renesas Technology Corp P9415-R Datasheet HTML 48Page - Renesas Technology Corp P9415-R Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
45
May 4, 2021
Table 24. System Status Register (0x2C, 0x2D, 0x2E, 0x2F) in Tx Mode
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x2F [7:0]
Reserved
R
0
Reserved
0x2E [7:0]
Reserved
R
0
Reserved
0x2D [7:1]
Reserved
R
0
Reserved
0x2D [0]
CSP_RECEIVE_INT
R
0
1 = Indicates the CSP packet is received.
Cleared together with the corresponding interrupt flag
0x2C [7]
TX_INIT_INT
R
0
1 = Indicates the Tx initialization is finished
0x2C [6]
GET_DPING_INT
R
0
1 = Indicates the P9415 works in Tx mode, but is put on another working Tx device.
0x2C [5]
MODECHNGED
R
0
1 = Indicates the work mode of P9415 is changed.
0x2C [4]
GET_CFG_INT
R
0
1 = Indicates the configuration packet is received.
0x2C [3]
GET_ID_INT
R
0
1 = Indicates the Identification packet is received.
0x2C [2]
GET_SS_INT
R
0
1 = Indicates the Signal Strength packet is received.
0x2C [1]
START_DPING_INT
R
0
1 = Indicates the digital ping starts
0x2C [0]
EPT_TYPE_INT
R
0
1 = Indicates the error is met and recommend AP to remove power in this case.
AP could read the error type from TRx End Power Transfer Reason Register
Note: The bit definition in Rx mode and Tx mode is different.
Table 25. System Interrupt Register (0x30, 0x31, 0x32, 0x33) in Rx Mode
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x33 [7:0]
Reserved
R
0
Reserved
0x32 [7]
OVERCURRWARN
R
0
1 = Indicates the Iout is closed to Ilim value
0 = No such condition
0x32 [6]
ADTERROR
R
0
1 = Indicates error condition happens in the communication channel.
0 = No such condition
0x32 [5]
ADTRCVD
R
0
1 = Indicates data was received from the Com channel and is pending to be read.
0 = No such condition
0x32 [4]
ADTSENT
R
0
1 = Indicates data message was processed (sent) in the Com Channel and the
WriteBuffer is available to accept new data.
0 = No such condition
0x32 [3]
NTCOVERTEMP
R
0
1 = Indicates the NTC value exceeds the threshold
0 = No such condition
0x32 [2]
VRECTON
R
0
1 = Indicates AC power is applied. The flag is set before the Configuration Packet. It
is cleared on system reset or when power is removed. An interrupt event is
generated on SET event.
0 = No such condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com