Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 48Page - Renesas Technology Corp P9415-R Datasheet HTML 49Page - Renesas Technology Corp P9415-R Datasheet HTML 50Page - Renesas Technology Corp P9415-R Datasheet HTML 51Page - Renesas Technology Corp P9415-R Datasheet HTML 52Page - Renesas Technology Corp P9415-R Datasheet HTML 53Page - Renesas Technology Corp P9415-R Datasheet HTML 54Page - Renesas Technology Corp P9415-R Datasheet HTML 55Page - Renesas Technology Corp P9415-R Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
52
May 4, 2021
Table 36. External Temperature Register ADC (0x42)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x42 [15:12]
Reserved
R
0
Reserved
0x42 [11:0]
NtcTemp
R
-
12-bit raw data of the thermistor ADC reading on GP2 pin.
Vol_gp2 = NtcTemp / 4095 * 10 * 2.1(V)
Table 37. IOut Register (0x44)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x44 [15:0]
IOut
R
-
In RX mode the AP may read this register to get current Iout level in mA.
In TX mode the register holds the Power Supply current Iin in mA.
Table 38. Die Temperature Register (0x46)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x46 [15:0]
DieTemp
R
-
12bit of current Die Temperature ADC value. Formula converting ADC value to
Die Temperature in Celsius Degree is t_die [degC] = (ADC code * 0.075) - 174.
Table 39. AC Period Register (0x48)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x48 [15:0]
ACPeriod
R
-
Read back the AC Period. The value is presented by number of 6MHz clocks per 64
AC cycles.
The AC frequency can be calculated as:
F(kHz) = 64 * 6000 / ACPeriod;
Table 40. Iout Limit Set Register (0x4A)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x4a [7:0]
ILim
R
0x0E
Set main LDO current limit in 0.1A steps. The limit level is set to the value plus 0.1A.
Table 41. Signal Strength Packet (0x4B)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x4b [7:0]
SignalStrength
R
-
Signal Strength Packet sent by 9415 at beginning of power transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com