Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 19Page - Renesas Technology Corp P9415-R Datasheet HTML 20Page - Renesas Technology Corp P9415-R Datasheet HTML 21Page - Renesas Technology Corp P9415-R Datasheet HTML 22Page - Renesas Technology Corp P9415-R Datasheet HTML 23Page - Renesas Technology Corp P9415-R Datasheet HTML 24Page - Renesas Technology Corp P9415-R Datasheet HTML 25Page - Renesas Technology Corp P9415-R Datasheet HTML 26Page - Renesas Technology Corp P9415-R Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
23
May 4, 2021
The P9415-R uses advanced FOD techniques to detect foreign objects placed on or near the transmitter base station. The FOD algorithm
includes values that are programmable through either the I2C interface or MTP (Multi-Time Programmable) bits. Programmability is necessary
so that the FOD settings can be optimized to match the power transfer characteristics of each particular WPC system to include the power
losses of the Tx and Rx coils, battery, shielding, and case materials under no load to full load conditions. The values are based on the
comparison of the received power against a reference power curve so that any foreign object can be sensed when the received power is
different than the expected system power.
The P9415-R FOD values need to be tuned before production for WPC compliance using final production hardware and coils.
8.2.4 Status/Interrupt Output
When the power transfer connection is established and stable, the VOUT LDO is enabled. GPOD and GPIO pins can be connected to the AP
to perform status and interrupt commands.
8.2.5 WPC Modulation/Communication
The P9415-R operates in WPC using a single LC tank Rx coil and requires AC modulation capacitor connections for WPC communication. The
LC tank also should be tuned to achieve maximum efficiency (CMA, CMB, CM1, CM2 connected to pins CMA, CMB COM1, COM2) in order to
accomplish WPC modulation.
Figure 16. Rx Modulation Components
AC1
AC2
CMA
COM2
LDO VOUT
CMA
CM2
VRECT
COM1
CM1
CMB
CMB
Receiver-to-transmitter communication is completed by modulating the load applied to the receiver's inductor. To the transmitter, this appears
as an impedance change, which results in measurable variations of the transmitter’s output waveform. Modulation is done with AC Modulation,
using internal switches to connect external capacitors from AC1 and AC2 to ground.
The P9415-R communicates with the base via communication packets or decodes messages sent by WPC Rx’s. Each communication packet
has the following structure:
Figure 17. Communication Packet Structure
Preamble
Header
Message
Checksum
According to the WPC specification, the power receiver communicates with the power transmitter using backscatter modulation. The load seen
by the power transmitter’s inductor is modulated on the receiver side to send packets. The power transmitter demodulates these signals as a
modulation of coil current/voltage to decode and receive packets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com