Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 23Page - Renesas Technology Corp P9415-R Datasheet HTML 24Page - Renesas Technology Corp P9415-R Datasheet HTML 25Page - Renesas Technology Corp P9415-R Datasheet HTML 26Page - Renesas Technology Corp P9415-R Datasheet HTML 27Page - Renesas Technology Corp P9415-R Datasheet HTML 28Page - Renesas Technology Corp P9415-R Datasheet HTML 29Page - Renesas Technology Corp P9415-R Datasheet HTML 30Page - Renesas Technology Corp P9415-R Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
27
May 4, 2021
8.3.3 Over-Voltage Protection
If
VRECT voltage increases above 90% of the OVP voltage set point, the P9415-R turns on the internal clamp to bring the rectifier voltage back
to a safe operating level. If the Vrect voltage increases above the OVP voltage set point, the P9415-R sends an interrupt to the AP to notify
Over-voltage condition. The internal clamp is released when the VRECT voltage falls below 90% of the OVP voltage set point. The default OVP
voltage setpoint is 18.04V for EPP and 14.66V for BPP mode and both are programmable.
8.3.4 Over-Current Protection, Over-Temperature Protection, and Thermal Shutdown
The P9415-R uses over-current (OC) protection and over-temperature (OT) protection by sending an interrupt to the AP if the output current or
die temperature exceeds the operating limits.
If an over-current condition exists, over-current Warning interrupt is sent early to the AP before Iout reaches the over-current limit threshold
(1.5A default) with the expectation that the AP will respond by reducing the output consumption being drawn from P9415-R. If the output current
reaches the over-current limit threshold, Vout starts to drop without increasing current.
If the die temperature exceeds over-temperature threshold1 (default 105°C), the P9415-R first sends an interrupt (OTP) to the AP to alarm
over-temperature condition and starts OTP timer (180sec default). If the temperature falls below over-temperature threshold1 – hysteresis, OTP
timer resets. If the die temperature keeps increasing and exceeds over-temperature threshold2 (default 120°C) or OTP timer expires, the
P9415-R sends an End Power Transfer Packet to the transmitter to terminate a power transfer. If the temperature keeps increasing and exceeds
the thermal shutdown threshold (typical 140°C), the P9415-R turns off output LDO.
8.3.5 Enable Input
The P9415-R offers an active LOW enable the function that allows the host AP to control when wireless power will be enabled. When /EN pin
is pulled high, the P9415-R is suspended and placed in low current mode. If pulled low, P9415-R is active. /EN pin should never be left floating.
In addition, the P9415-R should not be disabled with /EN when the device is in the power transfer phase. Wireless power transfer should be
terminated via an EPT command and then once power is removed, /EN high can be asserted.
8.3.6 LDO Regulators
The P9415-R has three LDOs. The Main LDO (VOUT pin) is programmable from 5V to 20V and LDO5P0 is powered by VRECT. LDO1P8 is
powered by LDO5P0. Both LDO5P0 and LDO1P8 are used for supplying power to internal low voltage blocks. The LDOs must have local
ceramic bypass capacitors placed near the P9415-R.
8.3.7 MLDO Output Enable Conditions
In the BPP mode after entering the power transfer phase, the P9415-R starts sending control error packets with high value to raise the VRECT
voltage close to its target value and starts a 2-second timer. The P9415-R enables the MLDO when the VRECT voltage reaches the target
voltage or the 2-second timer expires.
In the EPP mode, the P9415-R starts a 5-second timer while exiting the Negotiation phase and waits for the Tx acknowledgment (ACK) in the
Calibration Mode1 phase. The P9415-R enables the MLDO when it receives ACK from Tx in Calibration Mode1 phase or the 5-second timer
expires.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com