Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 17Page - Renesas Technology Corp P9415-R Datasheet HTML 18Page - Renesas Technology Corp P9415-R Datasheet HTML 19Page - Renesas Technology Corp P9415-R Datasheet HTML 20Page - Renesas Technology Corp P9415-R Datasheet HTML 21Page - Renesas Technology Corp P9415-R Datasheet HTML 22Page - Renesas Technology Corp P9415-R Datasheet HTML 23Page - Renesas Technology Corp P9415-R Datasheet HTML 24Page - Renesas Technology Corp P9415-R Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
21
May 4, 2021
8. Theory of Operation
The P9415-R is a highly integrated wireless power receiver IC for mobile devices. The device can receive up to 15W wirelessly using near-field
magnetic induction. The P9415-R Rx will operate in WPC mode when the digital ping frequency is below 190 kHz from the transmitter.
Figure 15. Internal Block Diagram
nEN & UVLO
BIAS
M_LDO
12b ADC
DAC
+ Comp
Freq Det
AFE(TX)
OSC
60MHz
OVP
l Load
Digital IO(GPIO)
500MHz OSC
BST1
BST2
nEN
LDO5P0
VRECT
AC1
AC2
AC1
AC2
VOUT
LDO1P8
DEMOD
Is_out
VOUT
VRECT
T/RX
control
OD0/SCL, OD1/SDA, OD2/INT, OD3/ALIGN_X, OD4/ALIGN_Y
GP0/PWRGD, GP1/Q_PRIME, GP2/THERMISTOR, GP3/Q_OFFSET,
GP4/I2C_ADR_SEL, GP5/INHIBIT, GP6/EPP_DISABLE
+
-
LDO1P8
ARM M0 Controller
(w/ 24KBMTP,8 KB RAM )
LDO5V
PCLAMP
ECLAMP_DRV
ECLAMP
Gate
Driver
COM2
COM1
CMB
CMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com