Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 46Page - Renesas Technology Corp P9415-R Datasheet HTML 47Page - Renesas Technology Corp P9415-R Datasheet HTML 48Page - Renesas Technology Corp P9415-R Datasheet HTML 49Page - Renesas Technology Corp P9415-R Datasheet HTML 50Page - Renesas Technology Corp P9415-R Datasheet HTML 51Page - Renesas Technology Corp P9415-R Datasheet HTML 52Page - Renesas Technology Corp P9415-R Datasheet HTML 53Page - Renesas Technology Corp P9415-R Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
50
May 4, 2021
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x34 [0]
EPT_TYPE_INT
R/W
1
1 = Corresponding interrupt is enabled.
0 = Corresponding interrupt is disabled.
Note: The bit definition in Rx mode and Tx mode is different.
The alignment registers provide information about the positioning of the RX coil relative the TX coil. The AP may use this information to inform
the user of possible reduced power transfer level due to receiver misalignment and suggest repositioning of the RX to improve coupling. The
magnitude of the alignment information depends on the coil sizes and shall not be used for absolute distance measurement.
Table 29. Alignment X-Axis Register (0x38)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x38 [7:0]
Align[0]
R
-
8-bit signed integer representing X-axis alignment.
Table 30. Alignment Y-Axis Register (0x39)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x39 [7:0]
Align[1]
R
-
8-bit signed integer representing Y-axis alignment.
Table 31. Charge Status Register (0x3A)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x3a [7:0]
SSChargeStau
RW
0x00
In RX mode the AP writes this register with the value intended to be sent as payload
to the Charge Status Packet. The FW does not verify or modify the value in any
way. The value should be filled based on the following:
0x0 = Reserved
0x1 = Charge status packet sent with parameter = 1 (1%)
0x2 = Charge status packet send with parameter = 2 (2%)
…
0x64 = Charge status packet send with parameter = 100 (100%)
0x65-0xFE = Reserved
0xFF = No battery charge device or not providing charge status packet
Note: After writing to this register, Send Charge Status bit of Command Register (0x4E) needs to be set for transmission to begin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com