Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 7Page - Renesas Technology Corp P9415-R Datasheet HTML 8Page - Renesas Technology Corp P9415-R Datasheet HTML 9Page - Renesas Technology Corp P9415-R Datasheet HTML 10Page - Renesas Technology Corp P9415-R Datasheet HTML 11Page - Renesas Technology Corp P9415-R Datasheet HTML 12Page - Renesas Technology Corp P9415-R Datasheet HTML 13Page - Renesas Technology Corp P9415-R Datasheet HTML 14Page - Renesas Technology Corp P9415-R Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
11
May 4, 2021
5. Electrical Characteristics
VRECT = 5.5 V[a], CLDO1P8_OUT = CLDO5P0_OUT = 2.2μF, CMLDO_VOUT = 10 μF, nEN = 0V, unless otherwise noted. TJ =-5°C to 125°C, Typical values
are at 25°C.
Table 4.
Device Characteristics
Symbol
Description
Conditions
Minimum
Typical
Maximum Units
VRECT and Under-voltage Lock-out (Rx Mode)
VIN_VRECT_Rx[b][e]
VRECT Input Operating
Voltage Range Rx
3.5
23.5
V
VUVLO_RISING_Rx
UVLO Rising Rx
Rising voltage on VRECT,
no load
2.55
2.8
V
VUVLO_HYS_Rx
UVLO Hysteresis Rx
Falling hysteresis voltage on
VRECT (LDO shutdown)
150
mV
Over-voltage Protection
VOVP
Over-voltage Protection
OVP interrupt rising voltage
on VRECT (Default setting)
14.7 (BPP)
18 (EPP)
V
VOVP-HYS
Over-voltage Hysteresis
1.5
V
VPCLAMP
Pclamp Over-voltage
Protection
Pre-clamp OVP, rising
voltage on VRECT
13.2 (BPP)
16.2 (EPP)
V
Quiescent Current
IRECT-ACTIVE
IRECT Active Current
No external load on VRECT,
LDO5P0, LDO1P8; Rectifier
not switching
6
15
mA
LDO1P8 Drop Out Regulator (For Internal Usage Only)[f]
VLDO1P8[f]
LDO1P8 output voltage
1.62
1.8
1.98
V
ILDO1P8_LMT
Current Limit
60
mA
∆
VLDO1P8_OUT_LINE
Line Regulation
VRECT = 3.5V to 23.5V,
IOUT = 10mA
-5
+5
%
∆
VLDO1P8_OUT_LOAD
Load Regulation
IOUT = 1mA to 40mA
-5
+5
%
LDO5P0[c] Drop Out Regulator (For Internal Use Only)
VLDO5P0
LDO5P0 Output voltage
4.5
5
5.5
V
Main Low-Drop-Out Regulator (VOUT)
VMLDO
Regulated Output Voltage
on VOUT
VRECT = 5.5V, IOUT = 1.33A
4.8
5
5.2
V
VRECT = 9.5V, IOUT = 1.33A
8.8
9
9.2
V
VRECT = 12.5V, IOUT = 1.33A
11.75
12
12.25
V
VMLDO_STEP
MLDO Output Voltage Step
100
mV
∆
VMLDO_VOUT_LINE
Line Regulation
VRECT = 5.5V to 20.5V,
VOUT = 5V, IOUT = 20mA
10
120
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com