Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 28Page - Renesas Technology Corp P9415-R Datasheet HTML 29Page - Renesas Technology Corp P9415-R Datasheet HTML 30Page - Renesas Technology Corp P9415-R Datasheet HTML 31Page - Renesas Technology Corp P9415-R Datasheet HTML 32Page - Renesas Technology Corp P9415-R Datasheet HTML 33Page - Renesas Technology Corp P9415-R Datasheet HTML 34Page - Renesas Technology Corp P9415-R Datasheet HTML 35Page - Renesas Technology Corp P9415-R Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
32
May 4, 2021
9.10GPIO Pins
The P9415-R has general-purpose input-output (GPIO) pins. The OD0-OD4 and GP0-GP6 pins are all multi-functional.OD0-OD4 pins have an
open-drained structure and GP0-GP6 pins have a push-pull structure.
9.10.1 OD0/SCL Pin
The OD0 pin has a digital function open-drain structure. It is assigned to SCL of the I2C function for the serial interface between the AP and the
P9415-R. An external pull-up register on the SCL line is required for I2C communication. OD0 can operate up to 5V.
9.10.2 OD1/SDA Pin
The OD1 pin is set as a digital function open-drain structure. It is assigned to the SDA function of the I2C serial interface bus between the AP
and the P9415-R. An external pull-up resistor on the SDA line is required for I2C communication. OD1 can operate up to 5V.
9.10.3 OD2/INT Pin
The OD2 pin is set as a digital function open-drain structure. It is assigned as the /INT signal for interrupt notification to the AP. /INT pin indicates
a major change of states or error modes such as over-current, over-voltage, or over-temperature event. Connect this pin to the AP I/O voltage
rail using an external pull-up resistor. The P9415-R drives this pin LOW to notify the AP of status changes.
9.10.4 OD3/ALIGN_X Pin and OD4/ALIGN_Y Pin
The XY alignment feature allows the P9415-R to sense its relative position to the Tx coil magnetic field center. When used, the XY alignment
coils should be connected to pins OD3(X-alignment coil input) and 0D4 (Y-alignment coil input). These signals are internally rectified, filtered,
and sensed through the ADC. The ADC values that represent Align X coil signal strength and Align Y coil signal strength can be read in 0x38
and 0x39 registers respectively.
Figure 23. Typical XY Align Coil Schematic Level Connection Guide
9.10.5 GP0/PWRGD Pin
The GP0 pin is a digital output referenced to LDO1P8. The AP can use the power good signal to turn on the charging connection indicator or
other system functions. Power good (PWRGD) pin is pulled low by default. In BPP mode, the power good pin is pulled high when MLDO is
enabled. In EPP mode, the power good pin is pulled high at the end of the negotiation phase by default. It can be configured to be pulled high
when MLDO Vout is enabled.
AlignY PCB coil
ALGX_OD3
10V/0402
1/16W/0402
1/16W/0402
LDO1P8
LDO1P8
R51 10k
ALGY
OPTIONAL :
XY Alignment
ALGY _OD4
R286
NP
R287
NP
10V/0402
1/16W/0402
R52 10k
AlignX PCB coil
ALGX
R280 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com