Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 29Page - Renesas Technology Corp P9415-R Datasheet HTML 30Page - Renesas Technology Corp P9415-R Datasheet HTML 31Page - Renesas Technology Corp P9415-R Datasheet HTML 32Page - Renesas Technology Corp P9415-R Datasheet HTML 33Page - Renesas Technology Corp P9415-R Datasheet HTML 34Page - Renesas Technology Corp P9415-R Datasheet HTML 35Page - Renesas Technology Corp P9415-R Datasheet HTML 36Page - Renesas Technology Corp P9415-R Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
33
May 4, 2021
9.10.6 GP1/Q Main Pin and GP3/Q Offset Pin
If both GP1 and GP3 are low (< 0.2V), the P9415-R reports the default value programmed in the firmware. Q is 30 in the default configuration
and can be changed with a P9415-R Wireless Power Pro GUI; otherwise, the default Q factor value is decided by the following tables.
Table 7.
Q Factor Main – GP1
GP1 ≥ Vmin
GP1 < Vmax
Q_Main
Pup(R)
Pdown(R)
0.2
0.55V
30
100K
27K
0.55V
0.90V
40
100K
68K
0.90V
1.25V
50
100K
150K
1.25V
1.60V
60
47K
180K
1.60V
1.98V
70
47K
NP
Table 8.
Q Factor Offset – GP3
GP3 ≥ Vmin
GP3 < Vmax
Q_Offset
Pup(R)
Pdown(R)
0V
0.2V
+0
NP
47K
0.2
0.55V
+1
100K
27K
0.55V
0.90V
+2
100K
68K
0.90V
1.25V
+4
100K
150K
1.25V
1.60V
+6
47K
180K
1.60V
1.98V
+8
47K
NP
For example, if both GP1 and GP3 are pulled up, the reported Q factor value is 78(70+8). The AP can also change the reported Q factor by
writing to register 0x55 before the negotiation phase.
9.10.7 GP2/Thermistor Pin
The GP2 pin is connected to the internal ADC and can measure the voltage of the thermistor connected to measure the external temperature
on either the receiver coil or the PCB. The P9415-R sends interrupts to the AP if the voltage reaches below the threshold level (0.6V default,
configurable) to allow the AP an opportunity to reduce the temperature and prevent power transfer interruptions. The AP must convert the ADC
value into a pin voltage using the below equation. Voltage can be converted into temperature information based on the thermistor manufacturer
datasheet information.
Equation 1
Voltage on GP2 Pin in mV = (Register 0x42 [11:0] Data / 4095) * 10 * 2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com