Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 51Page - Renesas Technology Corp P9415-R Datasheet HTML 52Page - Renesas Technology Corp P9415-R Datasheet HTML 53Page - Renesas Technology Corp P9415-R Datasheet HTML 54Page - Renesas Technology Corp P9415-R Datasheet HTML 55Page - Renesas Technology Corp P9415-R Datasheet HTML 56Page - Renesas Technology Corp P9415-R Datasheet HTML 57Page - Renesas Technology Corp P9415-R Datasheet HTML 58Page - Renesas Technology Corp P9415-R Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
55
May 4, 2021
Table 46. Vrect Register in Tx Mode (0x72)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x72 [15:0]
TxVrect
R
-
Vrect voltage in Tx mode, value in mV.
Table 47. End Power Transfer Reason Register (0x74)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x75 [7]
EPT_POCP
R
0
1 = Indicates over current protect during digital ping
0 = No such error
0x75 [6]
EPT_OTP
R
0
1 = Over current error
0 = No such error
0x75 [5]
EPT_FOD
R
0
1 = FOD error
0 = No such error
0x75 [4]
EPT_LVP
R
0
1 = Vrect is less than low voltage protection threshold
0 = No such error
0x75 [3]
EPT_OVP
R
0
1 = Over voltage error
0 = No such error
0x75 [2]
EPT_OCP
R
0
1 = Over current error
0 = No such error
0x75 [1]
Reserved
R
0
Reserved
0x75 [0]
EPT_CEP_TIMEOUT
R
0
1 = CEP timeout
0 = No such error
0x74 [7]
EPT_TIMEOUT
R
0
1 = Watch dog timeout
0 = No such error
0x74 [6:1]
Reserved
R
0
Reserved
0x74 [0]
EPT_CMD
R
0
1 = End power transfer packet has been received
0 = No such error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com