Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 36Page - Renesas Technology Corp P9415-R Datasheet HTML 37Page - Renesas Technology Corp P9415-R Datasheet HTML 38Page - Renesas Technology Corp P9415-R Datasheet HTML 39Page - Renesas Technology Corp P9415-R Datasheet HTML 40Page - Renesas Technology Corp P9415-R Datasheet HTML 41Page - Renesas Technology Corp P9415-R Datasheet HTML 42Page - Renesas Technology Corp P9415-R Datasheet HTML 43Page - Renesas Technology Corp P9415-R Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
40
May 4, 2021
11. List of Registers
Table 10. Chip ID (0x00, 0x01)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x00 [7:0]
Chip_ID_L
R
0x15
Chip ID low byte
0x01 [7:0]
Chip_ID_H
R
0x94
Chip ID high byte
Table 11. HW Revision Register, HW_Rev (0x02)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x02 [7:0]
HW_Rev
R
0x06
Hardware Revision 0x00 (default).
Table 12. Customer Code Register, Customer Code (0x03)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x03 [7:0]
CustomerCode
R
0x00
Customer code. 0x00 (default).
Table 13. Customer ID Register (0x04)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x04 [15:0]
CustomerID
R
0x0000 CustomerID
Table 14. ProjectID Register (0x06)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x06 [15:0]
ProjectID
R
0x0005 Project ID
Table 15. Firmware Revision Major (0x08)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x08 [7:0]
Major
R
0x02
Firmware major revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com