Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 24Page - Renesas Technology Corp P9415-R Datasheet HTML 25Page - Renesas Technology Corp P9415-R Datasheet HTML 26Page - Renesas Technology Corp P9415-R Datasheet HTML 27Page - Renesas Technology Corp P9415-R Datasheet HTML 28Page - Renesas Technology Corp P9415-R Datasheet HTML 29Page - Renesas Technology Corp P9415-R Datasheet HTML 30Page - Renesas Technology Corp P9415-R Datasheet HTML 31Page - Renesas Technology Corp P9415-R Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
28
May 4, 2021
8.4 WattShareTM (TRx) Mode Functions
The P9415-R can be configured as a wireless power transmitter. The device uses an on-chip full/half-bridge inverter, a PWM generator, a
modulator/demodulator for communication, and a microcontroller to produce an AC power signal to drive external L-C tank to operate as a
wireless power transmitter (TRx). The P9415-R uses the same L-C tank in both Rx mode and TRx mode.
8.4.1 Enabling WattShareTM (TRx) Mode
In TRx mode, the power needs to be applied on the VOUT pin which is the same node as the power receiver output when the device operates
in Rx Mode. The Application processor (AP) must adhere to the following procedure to enable TRx mode.
1. AP must ensure that the VOUT pin is not connected to the battery charger. It must enable the power supply on VOUT.
2. AP waits for the interrupt register 0x30 bit 7 (TX_INIT_INT) that indicates TRx mode initialization is finished
3. AP writes 0x0001 to 0x0076 (2 bytes) to enable TRx mode.
The P9415-R starts sending digital pings after enabling TRx mode. The digital ping frequency is 145kHz and the normal operating frequency
range is from 130kHz to 145kHz in the default configuration. It can be changed to 110 – 148kHz using the P9415-R Wireless Power Pro GUI.
Figure 21. Enabling WattShareTM (TRx) Mode
AC1
AC2
PGND
VRECT
VOUT
SCL
P9415-R
SDA
/INT
Battery
Charger
Application
Processor
Boost
Regulator
Power
Smart Phone/ Receiver Device
Power
Wireless Power
Receiver
P9222-R
DC Output for
Battery
charging
8.4.2 WattShareTM Mode Input Voltage
The P9415-R can transfer up to 5W of power in TRx mode. It follows the WPC 1.2.4 BPP protocol to transfer the power to other Qi-certified
receivers such as Mobile devices and Earbud charging cases. The maximum power delivered in TRx mode is dependent on the input voltage
on VOUT pin, coil characteristics such as AC resistance, and the friendly metal around the coil. Because the coil used for power transfer in
TRx mode has high AC resistance compared to transmitter coil used in a charging pad, the input voltage on the VOUT pin in TRx mode must
be around 7 to 9V to deliver 5W of power to the receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com