Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 42Page - Renesas Technology Corp P9415-R Datasheet HTML 43Page - Renesas Technology Corp P9415-R Datasheet HTML 44Page - Renesas Technology Corp P9415-R Datasheet HTML 45Page - Renesas Technology Corp P9415-R Datasheet HTML 46Page - Renesas Technology Corp P9415-R Datasheet HTML 47Page - Renesas Technology Corp P9415-R Datasheet HTML 48Page - Renesas Technology Corp P9415-R Datasheet HTML 49Page - Renesas Technology Corp P9415-R Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
46
May 4, 2021
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x32 [1:0]
Reserved
R
0
Reserved
0x31 [7]
VSWITCHFAILED
R
0
1 = Indicates the voltage switch command is failed.
0 = No such condition
0x31 [6]
SLEEPMODE
R
0
1 = Indicates the Rx is in sleep mode
0 = No such condition
0x31 [5]
IDAUTHSUCCESS
R
0
1 = Indicates the ID authentication is passed
0 = No such condition
0x31 [4]
IDAUTHFAILED
R
0
1 = Indicates the ID authentication is failed
0 = No such condition
0x31 [3]
BCSUCCESS
R
0
1 = Indicates the backchannel packet is received by Tx
0 = No such condition
0x31 [2]
BCTIMEOUT
R
0
1 = Indicates the backchannel packet is sending failed.
0 = No such condition
0x31 [1]
TXAUTHSUCCESS
R
0
1 = Indicates the Device authentication is passed.
0 = No such condition
0x31 [0]
TXAUTHFAILED
R
0
1 = Indicates the Device authentication is failed.
0 = No such condition
0x30 [7]
LDODISABLE
R
0
1 = Indicates the LDO is disabled
0 = No such condition
0x30 [6]
LDOENABLE
R
0
1 = Indicates the LDO is enabled
0 = No such condition
0x30 [5]
MODECHHGED
R
0
1 = Indicates the work mode of P9415 is changed
0 = No such condition
0x30 [4]
TXDATARCVD
R
0
1 = Indicates the proprietary packet from Tx is received.
0 = No such condition
0x30 [3]
VSWITCHSUCCESS
R
0
1 = Indicates the voltage switch command is successful.
0 = No such condition
0x30 [2]
OVERTEMP
R
0
1 = Indicates the die temperature exceeds the OTP threshold.
0 = No such condition
0x30 [1]
OVERVOLT
R
0
1 = Indicates the voltage on Vrect exceeds the OVP threshold
0 = No such condition
0x30 [0]
OVERCURR
R
0
1 = Indicates the current exceeds the OCP threshold.
0 = No such condition
Note: The bit definition in Rx mode and Tx mode is different.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com