Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 47Page - Renesas Technology Corp P9415-R Datasheet HTML 48Page - Renesas Technology Corp P9415-R Datasheet HTML 49Page - Renesas Technology Corp P9415-R Datasheet HTML 50Page - Renesas Technology Corp P9415-R Datasheet HTML 51Page - Renesas Technology Corp P9415-R Datasheet HTML 52Page - Renesas Technology Corp P9415-R Datasheet HTML 53Page - Renesas Technology Corp P9415-R Datasheet HTML 54Page - Renesas Technology Corp P9415-R Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
51
May 4, 2021
Table 32. End of Power Transfer Code Register (0x3B)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x3b [7:0]
EPTCode
R/W
0x00
In RX mode the AP writes this register with the value intended to be sent as
payload to the Charge Status Packet. The FW does not verify or modify the value
in any way.
A WPC End of Power Transfer packet/message will be sent based on the
following:
0 = WPC mode, unknown EPT should be sent.
1 = WPC mode, End of Charge EPT packet should be sent.
2 = WPC mode, Internal Fault EPT packet should be sent.
3 = WPC mode, Over Temperature EPT packet should be sent.
4 = WPC mode, Over Voltage EPT packet should be sent.
5 = WPC mode, Over Current EPT packet should be sent.
6 = WPC mode, Battery Failure EPT packet should be sent.
7 = WPC mode, Reconfiguration EPT packet should be sent.
8 = WPC mode, No Response EPT packet should be sent.
9-254 = Reserved
Table 33. Vout ADC Register (0x3C)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x3c [15:0]
Vout ADC
R
-
12-bit of current main LDO Vout ADC value. Vout = ADC_Vout
Value/4095*10*2.1(V)
Table 34. Vout Set Register (0x3E)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x3e [15:0]
Vout_Set
R/W
-
Set the output voltage of the main LDO.
VoutSet = (Vout_mV - 2800)*10/84
AP through this register, target Vrect will be automatically set for best efficiency.
Table 35. Vrect ADC (0x40)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x40 [15:0]
Vrect ADC
R
-
12 LSB of current Vrect ADC value. Vrect = ADC_Vrect Value/4095*10*2.1 (V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com