Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 43Page - Renesas Technology Corp P9415-R Datasheet HTML 44Page - Renesas Technology Corp P9415-R Datasheet HTML 45Page - Renesas Technology Corp P9415-R Datasheet HTML 46Page - Renesas Technology Corp P9415-R Datasheet HTML 47Page - Renesas Technology Corp P9415-R Datasheet HTML 48Page - Renesas Technology Corp P9415-R Datasheet HTML 49Page - Renesas Technology Corp P9415-R Datasheet HTML 50Page - Renesas Technology Corp P9415-R Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
47
May 4, 2021
Table 26. System Interrupt Register (0x30, 0x31, 0x32, 0x33) in Tx Mode
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x33 [7:0]
Reserved
R
0
Reserved
0x32 [7:0]
Reserved
R
0
Reserved
0x31 [7:1]
Reserved
R
0
Reserved
0x31 [0]
CSP_RECEIVE_INT
R
0
1 = Indicates the CSP packet is received.
0 = No such condition
0x30 [7]
TX_INIT_INT
R
0
1 = Indicates the Tx initialization is finished
0 = No such condition
0x30 [6]
GET_DPING_INT
R
0
1 = Indicates the P9415 works in Tx mode, but is put on another working Tx device.
0 = No such condition
0x30 [5]
MODECHNGED
R
0
1 = Indicates the work mode of P9415 is changed.
0 = No such condition
0x30 [4]
GET_CFG_INT
R
0
1 = Indicates the configuration packet is received.
0 = No such condition
0x30 [3]
GET_ID_INT
R
0
1 = Indicates the Identification packet is received.
0 = No such condition
0x30 [2]
GET_SS_INT
R
0
1 = Indicates the Signal Strength packet is received.
0 = No such condition
0x30 [1]
START_DPING_INT
R
0
1 = Indicates the digital ping starts
0 = No such condition
0x30 [0]
EPT_TYPE_INT
R
0
1 = Indicates error is met and recommend AP to remove power in this case.
0 = No such condition
Note: The bit definition in Rx mode and Tx mode is different.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com