Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 31Page - Renesas Technology Corp P9415-R Datasheet HTML 32Page - Renesas Technology Corp P9415-R Datasheet HTML 33Page - Renesas Technology Corp P9415-R Datasheet HTML 34Page - Renesas Technology Corp P9415-R Datasheet HTML 35Page - Renesas Technology Corp P9415-R Datasheet HTML 36Page - Renesas Technology Corp P9415-R Datasheet HTML 37Page - Renesas Technology Corp P9415-R Datasheet HTML 38Page - Renesas Technology Corp P9415-R Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
35
May 4, 2021
9.11.1 FOD Parameters in Receiver Mode
For a WPC power loss foreign object detection to function effectively, the receiver must account and compensate for all of their known losses.
Such losses, for example, could be due to resistive losses or nearby metals that are part of the receiver. Because the system accurately
measures its power and accounts for all known losses, it can thereby detect foreign objects because they cause an unknown loss. The WPC
specification requires that a power receiver must report to the power transmitter its received power (PPR) in an RPP. The maximum value of
the received power accuracy
������������ΔdependsonthemaximumpowerofthepowerreceiverasdefinedinTable9.
The power receiver must determine its PPR with an accuracy of ±
������������Δ,andreportitsreceivedpowerasPRECEIVED=PPR+������������Δ.Thismeans
that the reported received power is always greater than or equal to the transmitted power (PPT) if there is no foreign object (FO) present on the
interface surface.
Table 9.
R
ecommended Maximum Estimated Power Loss
Maximum Power (W)
Maximum
������������Δ(mW)
5
350
10
500
15
750
The compensation algorithm includes parameter values that are programmable either internal register or customer configuration table in MTP.
Programmability is necessary so that the calibration settings can be optimized to match the power transfer characteristics of each particular
WPC system to include the power losses of the transmit and receive coils, battery, shielding, and case materials under no-load to full-load
conditions. The values are based on the comparison of the received power against a reference power curve so that any foreign object can be
sensed when the received power is different than the expected system power.
FOD parameters consist of eight sections. Each section is divided by output current and consists of gain and offset to compensate for Rx
internal power loss; each section is also adjusted for Reported Rx power. The following comprises the Rx load current ranges for the FOD
sections.
FOD section [0] is from 0mA to section 0 current mA
FOD section [1] is reserved for test
FOD section [2] is from section 0 current mA to 351mA
FOD section [3] is from 352mA or section 0 671mA
FOD section [4] is from 672mA to 863mA
FOD section [5] is more than 864mA
Section 0 current is the point where the internal rectifier changes bridge configuration from half-bridge to full-bridge. In the default configuration,
If VOUT is set to less than 7V, section0 current is 288mA. If Voutset is higher than 7V, section0 current is 384mA, section2 is not used and
section3 starts from 384mA. There is around ±30mA load current hysteresis for changing the FOD sections. These settings can be changed
using the P9415-R Wireless Power Pro GUI.
The formula of Rx Reported Power is:
������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������[0..5]=������������������������������������������������������������(������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������)∗������������������������������������������������������������������������������������[0…5]+������������������������������������������������������������������������[0..5]
Place the receiver with the P9415-R on the Nok9 FOD transmitter. Ramp the current on the output of the P9415-R in steps of 50mA to 100mA
and monitor power difference between the Nok9 transmitted power and the receiver reported power value. The difference should be within
maximum Power loss delta in Table 9. If the difference exceeds the maximum power loss delta, adjust the FOD gain or FOD offset of that
particular output current section to bring the difference back to within range. The AP can modify the FOD gain and FOD offset by writing to the
Foreign Object Detection Customer Registers (0x68-0x77). In the final product, the AP can use the VRECTON interrupt or battery charger
interrupt as a trigger to update the FOD registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com