Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 32Page - Renesas Technology Corp P9415-R Datasheet HTML 33Page - Renesas Technology Corp P9415-R Datasheet HTML 34Page - Renesas Technology Corp P9415-R Datasheet HTML 35Page - Renesas Technology Corp P9415-R Datasheet HTML 36Page - Renesas Technology Corp P9415-R Datasheet HTML 37Page - Renesas Technology Corp P9415-R Datasheet HTML 38Page - Renesas Technology Corp P9415-R Datasheet HTML 39Page - Renesas Technology Corp P9415-R Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
36
May 4, 2021
9.11.2 FOD Parameters in Transmitter Mode
For a WPC power loss foreign object detection to function effectively, the transmitter must set the FOD threshold at a reasonable value by
accounting all its known losses such as Coil resistance loss and losses because of metal around the coil integrated into the product. In the
power transfer phase, the P9415-R will continuously calculate the difference between its measured transmitted power and RPP packet
information received from the receiver. If the difference is higher than the FOD threshold, the P9415-R presumes that there is a foreign object
(FO) between Tx and Rx that is absorbing the transmitted power and will stop the power transfer to avoid heating of FO.
FOD threshold value changes based on the Received Power Packet value (RPP) from the receiver. In the default configuration, If RPP is larger
than 3700mW (FodSegThd), the FOD threshold is -100mW (FodThdH) and if RPP is less than 3700mW, the FOD threshold is 800mW
(FodThdL)
The FodSegThd, FodThdH, and FodThdL are configurable by config table in MTP using the P9415-R Wireless Power Pro GUI.
FODcriteria:FODthreshold>TransmittedPower(PPT)–ReceivedPower(RPP)
9.11.3 FOD Parameters Configuration with P9415-R GUI
The default values of the FOD parameters in MTP can be configured by the following procedure.
1. Provide external power supply (+5V) on the P9415-R VOUT pin.
2. Launch the P9415-R Wireless Power Pro GUI after connecting WPD–USB-DONGLE to the computer.
3. Click #1 to connect the GUI with the P9415-R device and the P9415 device name in should be displayed at #2 on the successful connection.
4. Click the Config Icon in #3 and the Read Default Parameters in #4.
5. Enter new FOD parameter values and click Configure Parameters to MTP
6. Remove the external power supply and place the receiver with P9415-R on the Nok9 transmitter or a target transmitter and verify if new
parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com