Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 40Page - Renesas Technology Corp P9415-R Datasheet HTML 41Page - Renesas Technology Corp P9415-R Datasheet HTML 42Page - Renesas Technology Corp P9415-R Datasheet HTML 43Page - Renesas Technology Corp P9415-R Datasheet HTML 44Page - Renesas Technology Corp P9415-R Datasheet HTML 45Page - Renesas Technology Corp P9415-R Datasheet HTML 46Page - Renesas Technology Corp P9415-R Datasheet HTML 47Page - Renesas Technology Corp P9415-R Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
44
May 4, 2021
Table 23. System Status Register (0x2C, 0x2D, 0x2E, 0x2F) in Rx Mode
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x2F [7:0]
Reserved
R
0
Reserved
0x2E [7]
OVERCURRWARN
R
0
1 = Indicates the Iout is closed to Ilim value
0x2E [6]
ADTERROR
R
0
1 = Indicates error condition happens in the communication channel.
Cleared together with the corresponding interrupt flag.
0x2E [5]
ADTRCVD
R
0
1 = Indicates data was received from the Com channel and is pending to be read.
Cleared together with the corresponding interrupt flag.
0x2E [4]
ADTSENT
R
0
1 = Indicates data message was processed (sent) in the Com Channel and the
WriteBuffer is available to accept new data.
Cleared together with the corresponding interrupt flag.
0x2E [3]
NTCOVERTEMP
R
0
1 = Indicates the NTC value exceeds the threshold
0x2E [2]
VRECTON
R
0
Indicates AC power is applied. The flag is set before the Configuration Packet. It is
cleared on system reset or when power is removed. An interrupt event is generated
on SET event.
0x2E [1:0]
Reserved
R
0
Reserved
0x2D [7]
VSWITCHFAILED
R
0
1 = Indicates the voltage switch command is failed.
0x2D [6]
SLEEPMODE
R
0
1 = Indicates the Rx is in sleep mode
0x2D [5]
IDAUTHSUCCESS
R
0
1 = Indicates the ID authentication is passed
0x2D [4]
IDAUTHFAILED
R
0
1 = Indicates the ID authentication is failed
0x2D [3]
BCSUCCESS
R
0
1 = Indicates the backchannel packet is received by Tx
0x2D [2]
BCTIMEOUT
R
0
1 = Indicates the backchannel packet is sending failed.
0x2D [1]
TXAUTHSUCCESS
R
0
1 = Indicates the Device authentication is passed.
0x2D [0]
TXAUTHFAILED
R
0
1 = Indicates the Device authentication is failed.
0x2C [7]
LDODISABLE
R
0
1 = Indicates the LDO is disabled
0x2C [6]
LDOENABLE
R
0
1 = Indicates the LDO is enabled
0x2C [5]
MODECHHGED
R
0
1 = Indicates the work mode of P9415 is changed
0x2C [4]
TXDATARCVD
R
0
1 = Indicates the proprietary packet from Tx is received.
0x2C [3]
VSWITCHSUCCESS
R
0
1 = Indicates the voltage switch command is successful.
0x2C [2]
OVERTEMP
R
0
1 = Indicates the die temperature exceeds the OTP threshold.
0x2C [1]
OVERVOLT
R
0
1 = Indicates the voltage on Vrect exceeds the OVP threshold
0x2C [0]
OVERCURR
R
0
1 = Indicates the current exceeds the OCP threshold.
Note: The bit definition in Rx mode and Tx mode is different.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com