Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 9Page - Renesas Technology Corp P9415-R Datasheet HTML 10Page - Renesas Technology Corp P9415-R Datasheet HTML 11Page - Renesas Technology Corp P9415-R Datasheet HTML 12Page - Renesas Technology Corp P9415-R Datasheet HTML 13Page - Renesas Technology Corp P9415-R Datasheet HTML 14Page - Renesas Technology Corp P9415-R Datasheet HTML 15Page - Renesas Technology Corp P9415-R Datasheet HTML 16Page - Renesas Technology Corp P9415-R Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
13
May 4, 2021
Symbol
Description
Conditions
Minimum
Typical
Maximum Units
VOH
Output High Voltage
IOH = 8mA (for all combined
GPIOs)
1.44
V
VOL
Output Low Voltage
IOL = 8mA (for all combined
GPIOs)
0.4
V
ECLAMP_DRV Output
VOH
Output High Voltage
IOH = -4mA
4.0
4.4
V
VOL
Output Low Voltage
IOL = 8mA
0.6
V
SCL, SDA (I2C Interfaces SCL (OD0), SDA (OD1)
fSCL
Clock Frequency
400
kHz
tHD,STA
Hold Time (Repeated) for
START Condition
0.6
µs
tHD:DAT
Data Hold Time
0
ns
tLOW
Clock Low Period
1.3
µs
tHIGH
Clock High Period
0.6
µs
tSU:STA
Set-up Time for Repeated
START Condition
0.6
µs
tBUF
Bus Free Time Between
STOP and START Condition
1.3
µs
CB
Capacitive Load for Each
Bus Line
150
pF
CI
SCL, SDA Input
Capacitance
5
pF
VIL
Input Threshold Low
0.7
V
VIH
Input Threshold High
1.4
V
ILKG
Input Leakage Current
V = 0V and 1.8V, pull-ups
disabled
-1
1
µA
VOL
Output Logic Low
IOL= 3mA
0.36
V
[a] VRECT may exceed 23.5V but the device EC table limits are not guaranteed under this condition.
[b] Input Voltage Operating Range is dependent upon the type of Transmitter Power Stage (full-bridge, half-bridge) and Transmitting Coil Inductance.
WPC Specifications should be consulted for appropriate input voltage ranges by end product type.
[c] Do not externally load. For internal biasing only.
[d] Full power transfer will not occur at the minimum IC operating specification.
[e] LDO1P8 pin can only be loaded as shown in reference schematics.
[f] Any open-drain GPIO pin (SCL, SDA, OD2, OD3, OD4) that is connected as an input to the ADC should stay below 2.1V to prevent saturation of
the ADC, and any push-pull GPIO pin (GP0, GP1, GP2, GP3, GP4, GP5, GP6) connected to the ADC, the voltage must be ≤ LDO1P8 to avoid
interference with the LDO1P8 power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com