Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 54Page - Renesas Technology Corp P9415-R Datasheet HTML 55Page - Renesas Technology Corp P9415-R Datasheet HTML 56Page - Renesas Technology Corp P9415-R Datasheet HTML 57Page - Renesas Technology Corp P9415-R Datasheet HTML 58Page - Renesas Technology Corp P9415-R Datasheet HTML 59Page - Renesas Technology Corp P9415-R Datasheet HTML 60Page - Renesas Technology Corp P9415-R Datasheet HTML 61Page - Renesas Technology Corp P9415-R Datasheet HTML 62Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
59
May 4, 2021
12. Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas website. The package information
is the most current data available and is subject to change without revision of this document.
13. Marking Diagram
IDT
P9415
YYWW**
$-R
NNCCRR
Line 1. is the manufacturer.
Line 2. is the truncated part number.
Line 3. “YYWW” is the last 2 digits of the year and week that the part was assembled.
“**” denotes sequential lot number.
Line 4. “$” denotes assembly mark code. ” “R” is part of the device part number.
Line 5. “NN” is the wafer number; “CC” is the column or X- coordinate of the wafer; “RR” is the row or Y-
coordinate of the wafer.
14. Ordering Information
Orderable Part Number
Package
MSL Rating
Shipping
Packaging
Ambient
Temperature
Firmware[a]
P9415-RAWQI8
AWQ53 WLCSP-53 2.82 × 4.22 ×
0.50 mm with 0.4mm pitch
MSL 1
Tape and Reel
-40° to +85°C
Blank
15. Revision History
Revision Date
Description of Change
May 4, 2021
Updated “GP1/Q Main Pin and GP3/Q Offset Pin”
September 4, 2020
Updated the VMLDO specifications in Table 4
Updated the address and bit field in Table 30
September 1, 2020
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com