Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 20Page - Renesas Technology Corp P9415-R Datasheet HTML 21Page - Renesas Technology Corp P9415-R Datasheet HTML 22Page - Renesas Technology Corp P9415-R Datasheet HTML 23Page - Renesas Technology Corp P9415-R Datasheet HTML 24Page - Renesas Technology Corp P9415-R Datasheet HTML 25Page - Renesas Technology Corp P9415-R Datasheet HTML 26Page - Renesas Technology Corp P9415-R Datasheet HTML 27Page - Renesas Technology Corp P9415-R Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
24
May 4, 2021
8.2.6 Bit Encoding Scheme
As required by the WPC, the P9415-R uses a differential bi-phase encoding scheme to modulate data bits onto the power signal. A clock
frequency of 2kHz is used for this purpose. A logic ONE bit is encoded using two narrow transitions, whereas a logic ZERO bit is encoded using
two wider transitions as shown below:
Figure 18. Bit Encoding Scheme
tCLK
ONE
ZERO
ONE
ZERO
ONE
ONE
ZERO
ZERO
Each byte in the communication packet comprises 11 bits in an asynchronous serial format, as shown below:
Figure 19. Byte Encoding Scheme
Start
Stop
Parity
b0
1
2
3
4
5
6
7
b
b
b
b
b
b
b
Each byte has a start bit, 8 data bits, a parity bit, and a single stop bit.
8.2.7 System Feedback Control
The P9415-R is fully compatible with WPC (latest specification) and has all necessary circuitry to communicate with the base station or with a
receiver via WPC communication packets. The overall WPC system behavior between the transmitter and the receiver follows the state machine
in Figure 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com