Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 26Page - Renesas Technology Corp P9415-R Datasheet HTML 27Page - Renesas Technology Corp P9415-R Datasheet HTML 28Page - Renesas Technology Corp P9415-R Datasheet HTML 29Page - Renesas Technology Corp P9415-R Datasheet HTML 30Page - Renesas Technology Corp P9415-R Datasheet HTML 31Page - Renesas Technology Corp P9415-R Datasheet HTML 32Page - Renesas Technology Corp P9415-R Datasheet HTML 33Page - Renesas Technology Corp P9415-R Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
30
May 4, 2021
9. Applications Information
9.1 External Components
The P9415-R requires a minimum number of external components for proper operation. For more information, see Figure 26 and Table 6 and
AN-998 Determining critical component values for Wireless Power Receivers.
9.2 Rx Wireless Power Coil
The Rx coil is dependent on customer requirements and most are custom designs. Renesas recommends the following measured values for
Rx-only coils:
Ls = 8 to 10µH
DCR = < 0.3Ω
ACR = < 0.4Ω
Table 5.
Recommended Coil Manufacturer
Output Power
Vendor
Part Number
Inductance at
100kHz
Resonant Caps (Cs)
DC Resistance at 20℃
15W
Luxshare
ICTR-QS5858031L-MW034
9.0±0.2μH
400nF
195mΩ+/-10%
9.3 Resonance Capacitors
The series resonance capacitors (C32, C33, C34, C36, and C37) are critical components and must be chosen carefully. All current that flows
to the load flows through these components plus any current loss in the rectifier AC to DC conversion. The recommended capacitor is the 100nF
Murata (GRM155C71H104KE19, X7S, 50V, or GRM155R61H104KE19, X5R, 50V), which have an ESR < 0.1ohms at 100kHz. The
GRM155C71H104KE19 capacitor is the best choice based on ESR value and DC bias effects. If another capacitor is chosen, inspecting the
ESR vs. Frequency curve of the manufacturer’s capacitor datasheet is necessary to compare ESR characteristics as well as the DC bias effects
on the capacitor value. Adding non-populated (NP) component placement (C37) is advised if the additional capacitance is needed for a particular
Rx coil.
9.4 Input Capacitor (VRECT Capacitors)
The LDO input capacitors (VRECT capacitors) should be located as close as possible to the VRECT pins and ground (PGND). Ceramic
capacitors are recommended for their low ESR and small profile.
9.5 Output Capacitor (VOUT Capacitors)
The output capacitor connection to the ground pins (PGND) should be made as short as practical for maximum device performance. Because
the LDO is designed to function with very low ESR capacitors, a ceramic capacitor is recommended for the best performance. For better
transient response, the total amount of output capacitance should be increased to meet the output voltage variation target of the application
(VRECT capacitance might need to be increased as well).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com