Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 6Page - Renesas Technology Corp P9415-R Datasheet HTML 7Page - Renesas Technology Corp P9415-R Datasheet HTML 8Page - Renesas Technology Corp P9415-R Datasheet HTML 9Page - Renesas Technology Corp P9415-R Datasheet HTML 10Page - Renesas Technology Corp P9415-R Datasheet HTML 11Page - Renesas Technology Corp P9415-R Datasheet HTML 12Page - Renesas Technology Corp P9415-R Datasheet HTML 13Page - Renesas Technology Corp P9415-R Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
10
May 4, 2021
3. Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause permanent damage to the device.
Functional operation of the P9415-R at absolute maximum ratings is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Table 2.
Absolute Maximum Ratings
Symbol/Pins
Parameter
Minimum
Maximum
Units
TJ
Junction temperature
-
150
°C
TS
Storage temperature
-55
150
°C
HBM
ESD – Human Body Model
-
2000
V
CDM
ESD – Charged Device Model
-
500
V
CMA, CMB, COM1, COM2, PCLAMP, VRECT, AC1, AC2
Maximum voltage
-0.3
26.5
V
BST1, BST2
Maximum voltage
-0.3
AC1+5, AC2+5
V
LDO1P8, GP0-GP6
Maximum voltage
-0.3
2
V
LDO5P0, DEMOD, nEN, ECLAMP_DRV, OD0-OD4
Maximum voltage
-0.3
6
V
PGND
Maximum voltage
-0.3
0.3
V
VOUT
Maximum voltage
-0.3
21
V
CMA, CMB, COM1, COM2
Maximum RMS current
500
mA
AC1, AC2
Maximum RMS current
2
A
VOUT Output Current
Maximum RMS current
1.9
A
4. Thermal Characteristics
Table 3.
Thermal Characteristics[a][b][c][d]
Symbol
Parameter
Value
Units
θJA
Theta JA. Junction to ambient.
45
°C/W
θJB
Theta JB. Junction to board.
4.36
°C/W
θJC
Theta JC. Junction to case.
0.2
°C/W
-
Moisture Sensitivity Rating (Per J-STD-020)
MSL 1
-
[a] The maximum power dissipation is PD(MAX) = (TJ(MAX) - TA) / θJA where TJ(MAX) is 125°C. Exceeding the maximum allowable power dissipation will
result in excessive die temperature, and the device will enter thermal shutdown.
[b] This thermal rating was calculated on JEDEC 51 standard 4-layer board with dimensions 3” x 4.5” in still air conditions.
[c] Actual thermal resistance is affected by PCB size, solder joint quality, layer count, copper thickness, air flow, altitude, and other unlisted variables.
[d] For the WLCSP (AWQ53) package, connecting 8 PGND balls and at least two other CSP balls (10 thermal balls total) to internal/external ground
planes from top to bottom sides of the PCB is recommended for improving the overall thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com