Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 50Page - Renesas Technology Corp P9415-R Datasheet HTML 51Page - Renesas Technology Corp P9415-R Datasheet HTML 52Page - Renesas Technology Corp P9415-R Datasheet HTML 53Page - Renesas Technology Corp P9415-R Datasheet HTML 54Page - Renesas Technology Corp P9415-R Datasheet HTML 55Page - Renesas Technology Corp P9415-R Datasheet HTML 56Page - Renesas Technology Corp P9415-R Datasheet HTML 57Page - Renesas Technology Corp P9415-R Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
54
May 4, 2021
Note:
It takes time to implement the command. AP could write new command to System Command Register 3~5ms after the previous
command.
Table 44. Foreign Object Detection Registers (FOD) (0x68-0x77)
The FOD registers are divided into eight pairs. Each pair has one byte for gain setting and one byte for offset setting. The first six pairs control
the Received Power calculation for six power sectors during the Power Transfer phase. The seventh pair calibrates the internal DC Load. The
set values of the FOD registers are found with the help of a Renesas developed calibration procedure using the nok9 tester.
The firmware initializes the FOD registers for BPP mode. The correct set is loaded at the completion of the ID and Configuration Phase. The
AP can modify the registers at any time if needed to update the values.
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x68 [7:0]
GAIN_0
R/W
-
FOD coefficients for Power Region 0: Gain (slope settings).
0x69 [7:0]
OFFSET_0
R/W
-
FOD coefficients for Power Region 0: Offset settings.
0x6A [7:0]
GAIN_1
R/W
-
FOD coefficients for Power Region 1: Gain (slope settings).
0x6B [7:0]
OFFSET_1
R/W
-
FOD coefficients for Power Region 1: Offset settings.
0x6C [7:0]
GAIN_2
R/W
-
FOD coefficients for Power Region 2: Gain (slope settings).
0x6D [7:0]
OFFSET_2
R/W
-
FOD coefficients for Power Region 2: Offset settings.
0x6E [7:0]
GAIN_3
R/W
-
FOD coefficients for Power Region 3: Gain (slope settings).
0x6F [7:0]
OFFSET_3
R/W
-
FOD coefficients for Power Region 3: Offset settings.
0x70 [7:0]
GAIN_4
R/W
-
FOD coefficients for Power Region 4: Gain (slope settings).
0x71 [7:0]
OFFSET_4
R/W
-
FOD coefficients for Power Region 4: Offset settings.
0x72 [7:0]
GAIN_5
R/W
-
FOD coefficients for Power Region 5: Gain (slope settings).
0x73 [7:0]
OFFSET_5
R/W
-
FOD coefficients for Power Region 5: Offset settings.
0x74 [7:0]
GAIN_6
R/W
-
FOD coefficients for Power Region 6: Gain (slope settings).
0x75 [7:0]
OFFSET_6
R/W
-
FOD coefficients for Power Region 6: Offset settings.
0x76 [7:0]
GAIN_7
R/W
-
FOD coefficients for Power Region 7: Gain (slope settings).
0x77[ 7:0]
OFFSET_7
R/W
-
FOD coefficients for Power Region 7: Offset settings.
Table 45. Vin Register in Tx Mode (0x70)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x70 [15:0]
TxVin
R
-
Input voltage, value in mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com