Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 25Page - Renesas Technology Corp P9415-R Datasheet HTML 26Page - Renesas Technology Corp P9415-R Datasheet HTML 27Page - Renesas Technology Corp P9415-R Datasheet HTML 28Page - Renesas Technology Corp P9415-R Datasheet HTML 29Page - Renesas Technology Corp P9415-R Datasheet HTML 30Page - Renesas Technology Corp P9415-R Datasheet HTML 31Page - Renesas Technology Corp P9415-R Datasheet HTML 32Page - Renesas Technology Corp P9415-R Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
29
May 4, 2021
8.4.3 Demodulator
In TRx Mode, the Rx sends WPC protocol packets to the P9415-R. Using the demodulation (DEMOD) filter shown in Figure 22 and the internal
demodulator circuitry, the P9415-R decodes the ASK modulation packets Rx sent. Based on the packet information, the P9415-R modulates
the transmitted power by adjusting the operating frequency or duty cycle and detects a foreign object between Tx and Rx.
Figure 22. WattShareTM Mode Demodulation Filter
8.4.4 WattShareTM Mode Input Under Voltage, Over Voltage, and Current Limit
There are several Over-current Protection thresholds in the WattShare mode that are applied differently depending on the operation phase.
In the ping phase, if the input current exceeds the ping OCP threshold (default 1.1A), the P9415-R sets flag EPT_POCP in TRx End Power
Transfer Reason Register (0x0074 2byte), sends an interrupt (EPT_TYPE_INT) to the AP and disables TRX function. TRx will not resume until
the AP recycles the power on the VOUT pin and enables the TRx mode again.
In the power transfer phase, if the input current exceeds the IgnoreCepThd (default 1.3A) but less than OCPThd (default 1.5A), the P9415-R
enters in CEP Ignore mode. In this mode, bit3 of TRx System Flag Register (0x007B, 1byte) is set and the P9415-R will not respond to the
positive CEP from the receiver with the expectation that the receiver detects its Vout drops and decreases the output load. If the input current
falls below IgnoreCepThd – IgnoreCepHysteresis (default 0.2A), bit3 of TRx System Flag Register (0x007B, 1byte) is cleared, and the P9415-R
operates in normal TRx mode and responds to positive CEP normally.
If the average input current exceeds OCPThd or instant input current exceeds OCPThdFast (default 1.8A), the P9415-R sets flag EPT_OCP in
TRx End Power Transfer Reason Register (0x0074, 2byte), sends an interrupt (EPT_TYPE_INT) to the AP and disables TRx function. TRx will
not resume until the AP recycles the power on the VOUT pin and enables the TRx mode again.
If the voltage on the VRECT pin is higher than the over-voltage protection (OVP) threshold (default 11V), the P9415-R sends interrupt
(EPT_TYPE_INT) to AP, sets the EPT_OVP bit of TRx End Power Transfer Reason Register 0x0074(2 bytes), and disables the TRx function.
If the voltage on the VRECT pin is lower than (OVP threshold – OVP hysteresis (1.5V), the P9415 clears the EPT_OVP bit. If the EPT_OVP bit
is set, the TRx function cannot be enabled.
If the voltage on the VOUT pin is lower than the low voltage protection (LVP) threshold (Default 4V), the P9415-R sends interrupt
(EPT_TYPE_INT) to AP, sets EPT_LVP bit of TRx End Power Transfer Reason Register 0x0074(2 bytes), and disables the TRx function. There
is an internal digital filter to avoid false triggering of LVP for small voltage dips. TRx will not resume until AP recycles the power on the VOUT
pin and enables the TRx mode again.
8.4.5 Transmitter Conflict in WattShareTM Mode
When the P9415-R is in WattShareTMmode, users might accidentally place the P9415-R on another WPC transmitter. The pings from the WPC
transmitter will generate an AC voltage in the resonant tank connected to the P9415-R. The P9415-R detects this voltage, sends an interrupt
(GET_DPING_INT in 0x30[6]) to the AP, and exits TRx mode. The AP must disable the external power supply connected to the VOUT pin of
the P9415-R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com