Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 53Page - Renesas Technology Corp P9415-R Datasheet HTML 54Page - Renesas Technology Corp P9415-R Datasheet HTML 55Page - Renesas Technology Corp P9415-R Datasheet HTML 56Page - Renesas Technology Corp P9415-R Datasheet HTML 57Page - Renesas Technology Corp P9415-R Datasheet HTML 58Page - Renesas Technology Corp P9415-R Datasheet HTML 59Page - Renesas Technology Corp P9415-R Datasheet HTML 60Page - Renesas Technology Corp P9415-R Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
57
May 4, 2021
Table 52. FOD High Segment Threshold Register in Tx Mode (0xAA)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0xAA [15:0]
fodThdH
R/W
0xFF9C FOD threshold for high level segment in Tx mode, value in mW.
Table 53. FOD Segment Threshold Register in Tx Mode (0xAC)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0xAC [15:0]
fodSegThd
R/W
0x0E74
Threshold for two segment FOD threshold. Value in mW.
If Rx Power is higher than FOD Segment Threshold, the High Level FOD Threshold
is used, otherwise, the Low Level FOD Threshold is used as FOD threshold.
Table 54. Ping Interval Register in Tx Mode (0xBA)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0xBA [15:0]
PingInterval
R/W
0x038E The interval between each digital ping, value in ms.
11.1Bi-di Communication Registers
Table 55. Write Data Type and Length Register for WPC 1.3 (0x1A0)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x1A1[7]
WrLsSize
R/W
0
7 LSB of packet size
0x1A0[7:5]
WrMsSize
R/W
0
3 MSB of packet size
0x1A0 [4:0]
WrType
R/W
0
Type of packet
Table 56. Write Data Register for WPC 1.3 (0x1A4~0x39F)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x1A4[508]
WrData
R/W
0
Raw data which is intended to send to Tx
Table 57. Read Data Register for WPC 1.3 (0x3A4~0x59F)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x3A4[508]
RdData
R
0
Raw data which is received from Tx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com