Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 5Page - Renesas Technology Corp P9415-R Datasheet HTML 6Page - Renesas Technology Corp P9415-R Datasheet HTML 7Page - Renesas Technology Corp P9415-R Datasheet HTML 8Page - Renesas Technology Corp P9415-R Datasheet HTML 9Page - Renesas Technology Corp P9415-R Datasheet HTML 10Page - Renesas Technology Corp P9415-R Datasheet HTML 11Page - Renesas Technology Corp P9415-R Datasheet HTML 12Page - Renesas Technology Corp P9415-R Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
9
May 4, 2021
Pin Number
Name
Type
Description
D2
GP5 / INHIBIT
I/O
General Purpose Push-Pull I/O, referenced to LDO1P8. When this pin is LOW, Rx mode is turned
on. When it is HIGH, the P9415-R cannot go into Rx mode. If this pin is driven high in the power
transfer phase, an EPT will be sent to the TX. VRECT protection is ON in INHIBIT mode. If not
used, connect this pin to GND (INHIBIT). This pin is not used in Tx mode.
D3
PCLAMP
I
High voltage open-drain input for linear clamping during OVP events. Connect a resistor from this
pin to VRECT for > 5W operation. Short directly to VRECT for 5W or lower power applications.
D4
GP3 /
Q_OFFSET
I/O
General Purpose Push-Pull I/O, referenced to LDO1P8. This pin is used to set the default
Q factor reported in the EPP mode. Default Q factor = Q factor main (based on GP1 voltage) +
Q factor offset (based on GP3 voltage). To use the firmware default Q factor, connect this pin to
GND.
D5
GP6 /
EPP_DISABLE
I/O
General Purpose Push-Pull I/O, referenced to LDO1P8. When this pin is HIGH, Rx EPP mode is
disabled and the P9415-R operates in BPP mode. Connect this pin to GND to enable EPP mode
by default.
D6
LDO1P8
O
1.8V LDO for Internal Core (always on when VRECT is powered). Connect a capacitor to the
ground.
E1, E2, E3,
E5, E6
VOUT
O
Main LDO output pin. Connect a capacitor to the ground. Connect an external voltage to this pin
in Tx mode.
E4
OUT_S
I
Optional output voltage sensing pin. Connect this pin to VOUT pins.
F1, F2, F3,
F4, F5, F6
VRECT
O
Filter cap for the internal rectifier output. Connect a capacitor to the ground.
G1
BST1
O
Bootstrap capacitor for driving high side N-MOSFET of the internal rectifier. Connect a capacitor
from AC1 to BST1.
G2, H1, H2, H3
AC1
I/O
Connect to the RX LC tank (due to symmetry may connect to Rx coil or Resonance Capacitor).
G3
nEN
I
Active-low enable pin. When it is pulled-up High by the AP GPIO, the rectifier will be set in Diode
mode without ASK signal modulation and the P9415-R is not enabled.
While it is pulled-down Low, the rectifier can be set in any predefined modes.
G5, H4, H5, H6
AC2
I/O
Connect to the RX LC tank (due to symmetry may connect to Rx coil or Resonance Capacitor).
G4
DEMOD
I
Tx mode Communication Demodulator input. Connect to LC node via diode and DEMOD filter.
This pin can be left floating if TRx mode is not used.
G6
BST2
O
Bootstrap capacitor for driving the high side N-MOSFET of the internal rectifier. Connect a
capacitor from AC2 to BST2.
C1, C2, C6, J1,
J2, J3, J4, J5,
J6
PGND
GND
Power Ground. All PGND pins must be connected tied together externally.
[a] Note: I = Input (Digital or Analog), O = Output (Digital).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com