Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 22Page - Renesas Technology Corp P9415-R Datasheet HTML 23Page - Renesas Technology Corp P9415-R Datasheet HTML 24Page - Renesas Technology Corp P9415-R Datasheet HTML 25Page - Renesas Technology Corp P9415-R Datasheet HTML 26Page - Renesas Technology Corp P9415-R Datasheet HTML 27Page - Renesas Technology Corp P9415-R Datasheet HTML 28Page - Renesas Technology Corp P9415-R Datasheet HTML 29Page - Renesas Technology Corp P9415-R Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
26
May 4, 2021
8.2.10 Identification and Configuration (ID and Config)
In this phase, the P9415-R sends or expects the following packets:
Identification Packet
Configuration Packet
After the transmission of the Configuration Packet, the P9415-R proceeds to the Negotiation phase.
8.2.11 Negotiation
The Power Receiver negotiates with the Power Transmitter to fine-tune the Power Transfer Contract. For this purpose, the Power Receiver
sends negotiation requests to the Power Transmitter, where the Power Transmitter can grant or deny.
8.2.12 Calibration
The Power Receiver provides its Received Power back to the Power Transmitter.
8.2.13 Power Transfer
In this phase, the P9415-R controls the power transfer by means of the following Control Data Packets:
Control Error Packets
Rectified Power Packet
End Power Transfer Packet
8.2.14 Renegotiation
In this phase, the Power Receiver can make adjustments to the Power Transfer Contract, if required. If necessary, this phase can be aborted
prematurely without changing the Power Transfer Contract.
8.2.15 End of Power Transfer (EPT)
In the event of EPT, the device turns off the LDO only after the AP instructs the P9415-R to continuously send End of Power (EPT) packets
until the transmitter removes the power and the rectifier voltage on the receiver side drops below the UVLO threshold.
8.3 Rx Mode Functions
8.3.1 Synchronous Rectifier
The efficiency of the full-bridge rectifier in the P9415-R is increased by implementing it as a synchronous rectifier. The rectifier comprises four
internally-driven switches that work in a full synchronous mode of operation when the load applied to VOUT is higher than the programmed
threshold value. Below that threshold, the rectifier works in half-synchronous rectification mode. In half-synchronous rectification mode, only
the low-side N-MOSFETs are driven and the high-side N-MOSFETs are forced into diode mode. At power-up, when the voltage is below the
UVLO threshold, the rectifier works by using the body diodes associated with the NMOS transistors. The BST capacitors are used to provide
power to drive the gates of high-side NMOS switches.
8.3.2 Rectifier and VRECT Level
Once VRECT powers up to greater than UVLO, the full-bridge rectifier switches to half synchronous or full synchronous mode (depending on
the loading conditions) to efficiently transfer energy from the transmitter to the load applied to VOUT. The control loop of the P9415-R maintains
the rectifier voltage between 5V and 23.5V, depending on the output current (IOUT) and the programmed output voltage. VRECT must not be
directly loaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com