Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 37Page - Renesas Technology Corp P9415-R Datasheet HTML 38Page - Renesas Technology Corp P9415-R Datasheet HTML 39Page - Renesas Technology Corp P9415-R Datasheet HTML 40Page - Renesas Technology Corp P9415-R Datasheet HTML 41Page - Renesas Technology Corp P9415-R Datasheet HTML 42Page - Renesas Technology Corp P9415-R Datasheet HTML 43Page - Renesas Technology Corp P9415-R Datasheet HTML 44Page - Renesas Technology Corp P9415-R Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
41
May 4, 2021
Table 16. Firmware Revision Minor (0x09)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x09 [7:0]
Minor
R
0x01
Firmware minor revision
Table 17. Firmware Revision Beta (0x0A)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x0a [7:0]
beta
R
0x00
Firmware revision beta
Table 18. Date Register (0x0C)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x0c [96:0]
Date
R
-
12-byte string initialized with FW compile data code. The format of the string is:
“Mmm DD YYYY”, where Mmm is a three letter Month code, followed by the date in
the month and the year. The string is terminated with 0x00.
Table 19. Time Register, (0x18)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x18 [64:0]
Time
R
-
8-byte string initialized with FW compile time code. The format of the string is:
“HH:MM:SS”. The string is not zero terminated.
Table 20. Part Number Register (0x20)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x20 [32:0]
Part Number
R
0x520000
00
Part number.
Note: The bit definition in Rx mode and Tx mode is different.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com