Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 1 Page - Renesas Technology Corp

  P9415-R Datasheet HTML 1Page - Renesas Technology Corp P9415-R Datasheet HTML 2Page - Renesas Technology Corp P9415-R Datasheet HTML 3Page - Renesas Technology Corp P9415-R Datasheet HTML 4Page - Renesas Technology Corp P9415-R Datasheet HTML 5Page - Renesas Technology Corp P9415-R Datasheet HTML 6Page - Renesas Technology Corp P9415-R Datasheet HTML 7Page - Renesas Technology Corp P9415-R Datasheet HTML 8Page - Renesas Technology Corp P9415-R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
15W Wireless Power Receiver
with WattShare™ Mode
P9415-R
Datasheet
© 2021 Renesas Electronics Corporation
1
May 4, 2021
Description
The P9415-R is a highly integrated single-chip wireless power
transmitter/receiver IC (TRx) that can be configured to receive or
transmit an AC power signal through magnetic induction.
When the device is configured as a wireless power transmitter, it
uses an on-chip full/half-bridge inverter, a PWM generator, a
modulator/demodulator for communication, and a microcontroller
to produce an AC power signal to drive external L-C tank. As a
receiver, the P9415-R receives an AC power signal from a wireless
transmitter and converts it into rectified output voltage, which can
be used to power devices or supply the charger input in mobile
applications. The P9415-R integrates a high-efficiency
Synchronous Full Bridge Rectifier and control circuitry to modulate
the load to send message packets to the Transmitter (Tx) to
optimize power delivery.
The P9415-R features Multiple-time programmable (MTP) non-
volatile memory that enables customers to customize the design
parameters such as default output voltage and FOD thresholds.
The P9415-R includes over-temperature and voltage protection.
Fault conditions associated with power transfer are managed by an
industry-leading 32-bit ARM® Cortex®-M0 processor offering a high
level of programmability while consuming extremely low standby
power. The processor can also control GPIOs to indicate operating
and fault modes. The device is available in an ultra-small
53-WLCSP package.
Typical Applications
Wireless power solution for mobile applications
Features
Delivers up to 15W as a receiver
WattShareTM (TRx )mode with up to 5W Tx capability
24kB Multiple-time programmable (MTP) non-volatile memory
WPC 1.3 Specification hardware ready
2.5V Under-Voltage Lockout (UVLO) threshold for expanding
the charging area
Internal reverse current sense for WattShareTM mode
Reliable VRECT over-voltage clamping
Internal IOUT filtering to remove the battery charger current
ripple
Supports Bi-Directional communications
Supports X-Y alignment coils
The device is capable of delivering 30W using a custom
firmware
Embedded 32-bit ARM® Cortex®-M0 processor
Supports I2C 400kHz standard interface and GPIOs
Package: 6 × 9 ball array, 2.82 × 4.22 × 0.50 mm, 53-WLCSP
with 0.40mm ball pitch
Typical Applications Schematic
AC1
AC2
BST2
CMB
COM2
COM1
CMA
BST1
PGND
VRECT
VOUT
GP0-GP6
OD0-OD4
Chip Enable
P9415
nEN
Rx-OUTPUT
Tx-INPUT
LDO5P0
TRx
Coil
VSNS
LDO1P8
VSNS
DEMOD
PCLAMP
CS
CD
RCLAMP
CRECT
CLDO1P8
CLDO5P0
CVOUT


Similar Part No. - P9415-R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P9415-0AWQI8 RENESAS-P9415-0AWQI8 Datasheet
885Kb / 30P
30W Wireless Power Receiver with WattShare™ TRx Mode
December 19, 2019
P9415-1AWQI8 RENESAS-P9415-1AWQI8 Datasheet
885Kb / 30P
30W Wireless Power Receiver with WattShare™ TRx Mode
December 19, 2019
More results

Similar Description - P9415-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWLC03 STMICROELECTRONICS-STWLC03 Datasheet
469Kb / 5P
Dual mode Qi/PMA wireless power receiver
05-Jun-2015
logo
Integrated Device Techn...
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
P9225-R IDT-P9225-R Datasheet
1,010Kb / 34P
Dual-Mode Wireless Power Receiver
P9260 IDT-P9260 Datasheet
158Kb / 2P
15W Wireless Power Transmitter
logo
Kinetic Technologies.
KTE7001 KINETIC-KTE7001 Datasheet
207Kb / 2P
15W Wireless Power Receiver for WPC/Qi BPP/EPP
September 2021 - Revision 04d
logo
Renesas Technology Corp
P9415 RENESAS-P9415 Datasheet
885Kb / 30P
30W Wireless Power Receiver with WattShare™ TRx Mode
December 19, 2019
logo
STMicroelectronics
STWLC38 STMICROELECTRONICS-STWLC38 Datasheet
728Kb / 5P
Qi-compliant dual mode wireless power receiver for up to 15W applications
16-Jun-2022
logo
Renesas Technology Corp
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
Wireless Power Receiver for 15W Applications
October 10, 2017
P9221-R3 RENESAS-P9221-R3 Datasheet
1Mb / 46P
15W Wireless Charging Receiver with Bi-directional Data Communication
October 20, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com