Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 30Page - Renesas Technology Corp P9415-R Datasheet HTML 31Page - Renesas Technology Corp P9415-R Datasheet HTML 32Page - Renesas Technology Corp P9415-R Datasheet HTML 33Page - Renesas Technology Corp P9415-R Datasheet HTML 34Page - Renesas Technology Corp P9415-R Datasheet HTML 35Page - Renesas Technology Corp P9415-R Datasheet HTML 36Page - Renesas Technology Corp P9415-R Datasheet HTML 37Page - Renesas Technology Corp P9415-R Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
34
May 4, 2021
Figure 24. GP2 Pin External Connection to Thermistor Configuration
9.10.8 GP4/I2C Address Select Pin
The pin is used to select the P9415-R device I2C slave address. When this pin is pulled high to LDO1P8, I2C Address is 0x3F and when this
pin pulled low to GND, I2C Address is 0x3B (default). The slave address is a 7-bit I2C address.
9.10.9 GP5/INHIBIT Pin
The GP5 / INHIBIT pin is a digital input referenced to LDO1P8 and gets polled during the startup. When the INHIBIT pin is low, the Rx mode is
enabled. Pulling the INHIBIT pin high will prevent the P9415-R from connecting to the transmitter. The AP can use this pin to safely enable and
disable wireless power transfer function with proper VRECT node protections. If this pin is driven high in the power transfer phase, the P9415-R
will send an End Power Transfer packet to the transmitter and wireless power transfer will be disabled while Vrect protection is alive.
9.10.10
GP6/EPP_DISABLE Pin
The GP6 is assigned as a digital input referenced to LDO1P8. When the EPP_DISABLE pin is high, the Rx EPP mode is disabled and the
P9415-R operates in BPP mode. When it is low, the Rx mode is determined by the internal mode configuration setting value in the firmware. If
not used, connect this pin to ground.
9.11 Foreign Object Detection
When metallic objects are exposed to an alternating magnetic field, eddy currents cause such objects to heat up. Examples of such parasitic
metal objects are coins, keys, paper clips, etc. The amount of heating depends on the strength of the coupled magnetic field, as well as the
characteristics of the object, such as its resistivity, size, and shape. In a wireless power transfer system, the heating manifests itself as a power
loss, and therefore a reduction in power-transfer efficiency. Moreover, if no appropriate measures are taken, the heating could be sufficient that
the foreign object could become heated to an unsafe temperature.
In the Extended Power Profile, there are two methods of foreign object detection (FOD). One is by measuring the system quality factor before
entering the power transfer phase, and the other is to measure the power loss difference between the received power and the transmitted
power during the power transfer phase. Before entering the power transfer phase, the P9415-R sends a reference Q-factor (default 30) in the
negotiation phase. The transmitter measures the Q-factor on its coil and compares it with the reference Q-factor provided by the P9415-R. If
the difference is large, the transmitter presumes that there is a foreign object (FO) between the Tx and Rx and shuts down. The power loss
foreign object detection method is used in both the Extended Power Profile (EPP) and the Basic Power Profile (BPP) modes power transfer
phase. During the power transfer phase, the P9415-R continuously sends to the transmitter the amount of power received using the Received
Power Packet (RPP). The transmitter will compare the RPP packet information received from the receiver with its measured transmitted
power. If there is a significant difference the transmitter presumes that there is a foreign object (FO) between Tx and Rx that is absorbing the
transmitted power and will stop the power transfer to avoid heating of FO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com