Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 45Page - Renesas Technology Corp P9415-R Datasheet HTML 46Page - Renesas Technology Corp P9415-R Datasheet HTML 47Page - Renesas Technology Corp P9415-R Datasheet HTML 48Page - Renesas Technology Corp P9415-R Datasheet HTML 49Page - Renesas Technology Corp P9415-R Datasheet HTML 50Page - Renesas Technology Corp P9415-R Datasheet HTML 51Page - Renesas Technology Corp P9415-R Datasheet HTML 52Page - Renesas Technology Corp P9415-R Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
49
May 4, 2021
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x34 [5]
MODECHHGED
R/W
0
1 = Corresponding interrupt is enabled.
0 = Corresponding interrupt is disabled.
0x34 [4]
TXDATARCVD
R/W
1
1 = Corresponding interrupt is enabled.
0 = Corresponding interrupt is disabled.
0x34 [3]
VSWITCHSUCCESS
R/W
1
1 = Corresponding interrupt is enabled.
0 = Corresponding interrupt is disabled.
0x34 [2]
OVERTEMP
R/W
1
1 = Corresponding interrupt is enabled.
0 = Corresponding interrupt is disabled.
0x34 [1]
OVERVOLT
R/W
1
1 = Corresponding interrupt is enabled.
0 = Corresponding interrupt is disabled.
0x34 [0]
OVERCURR
R/W
1
1 = Corresponding interrupt is enabled.
0 = Corresponding interrupt is disabled.
Note: The bit definition in Rx mode and Tx mode is different.
Table 28. System Interrupt Enable Register (0x34, 0x35, 0x36, 0x37) in Tx Mode
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x36 [7:0]
Reserved
R/W
0
Reserved
0x36 [7:0]
Reserved
R/W
0
Reserved
0x35 [7:1]
Reserved
R/W
0
Reserved
0x35 [0]
CSP_RECEIVE_INT
R/W
0
1 = Corresponding interrupt is enabled.
0 = Corresponding interrupt is disabled.
0x34 [7]
TX_INIT_INT
R/W
1
1 = Corresponding interrupt is enabled.
0 = Corresponding interrupt is disabled.
0x34 [6]
GET_DPING_INT
R/W
1
1 = Corresponding interrupt is enabled.
0 = Corresponding interrupt is disabled.
0x34 [5]
MODECHNGED
R/W
1
1 = Corresponding interrupt is enabled.
0 = Corresponding interrupt is disabled.
0x34 [4]
GET_CFG_INT
R/W
0
1 = Corresponding interrupt is enabled.
0 = Corresponding interrupt is disabled.
0x34 [3]
GET_ID_INT
R/W
0
1 = Corresponding interrupt is enabled.
0 = Corresponding interrupt is disabled.
0x34 [2]
GET_SS_INT
R/W
0
1 = Corresponding interrupt is enabled.
0 = Corresponding interrupt is disabled.
0x34 [1]
START_DPING_INT
R/W
1
1 = Corresponding interrupt is enabled.
0 = Corresponding interrupt is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com