Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet (PDF) - Renesas Technology Corp

P9242-R3 Datasheet PDF - Renesas Technology Corp
Part # P9242-R3
Download  P9242-R3 Download
File Size   1418.19 Kbytes
Page   44 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 15W Wireless Charging Transmitter with Bi-directional Data Communication

P9242-R3 Datasheet (PDF)

Go To PDF Page Download Datasheet
P9242-R3 Datasheet PDF - Renesas Technology Corp

Part # P9242-R3
Download  P9242-R3 Click to download

File Size   1418.19 Kbytes
Page   44 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 15W Wireless Charging Transmitter with Bi-directional Data Communication

P9242-R3 Datasheet (HTML) - Renesas Technology Corp


P9242-R3 Product details

Description
The IDT P9242-R3 is a highly-integrated 15W magnetic induction
wireless power transmitter with in-band, bi-directional data communication requiring no additional circuitry. The communication
channel can be used for proprietary device authentication and
secure system data transfer.
The P9242-R3 includes a 32-bit ARM®* Cortex®-M0 processor,
foreign object detection (FOD), wide input voltage range operation,
full bridge drivers, and on-chip simultaneous voltage and current
demodulation.
In addition, the P9242-R3 features programmable over-current
protection, programmable LED output blinking pattern, and I2C
serial interface protocol to read back information such as voltage,
current, and fault conditions. This standard device is compliant to
the WPC-1.2 specification. Combined with the P9221-R3 receiver,
the P9242-R3 forms a complete wireless power system solution for
15W applications with bi-directional data communication.
The P9242-R3 has a bootloader and application firmware preprogrammed into the internal one-time programmable (OTP)
memory. The P9242-RB, which is pin-to-pin compatible with the
P9242-R3, has only the bootloader pre-programmed into the
internal OTP memory and uses external flash for the application
firmware so that it can be changed for specific system requirements.
The P9242-R3 is available in a space-saving 48-VFQFPN package.
It is rated for -40°C to +85ºC ambient operating temperature range.

Features
 Supports bi-directional data communication
 Enables authentication and system data transfer
 Up to 15W of power transfer
 87% end-to-end efficiency when combined with the
P9221-R3
 VIN range: 4.25V to 21V
 Integrated drivers for external power FETs
 Integrated step-down switching regulator
 Simultaneous voltage and current demodulation
 Standard device compliant with the WPC-1.2 specification
 Supports the I2C interface protocol
 -40°C to +85°C ambient operating temperature range
 6 × 6 mm, 48-VFQFPN package, Pb-free




Similar Part No. - P9242-R3

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9242-R IDT-P9242-R Datasheet
1Mb / 31P
Wireless Power Transmitter
logo
Renesas Technology Corp
P9242-R RENESAS-P9242-R Datasheet
1Mb / 38P
Wireless Power Transmitter for 15W Applications
January 16, 2018
logo
Integrated Device Techn...
P9242-RNDGI8 IDT-P9242-RNDGI8 Datasheet
1Mb / 31P
Wireless Power Transmitter
More results


Similar Description - P9242-R3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TSDMTX-5V2-EVM SEMTECH-TSDMTX-5V2-EVM Datasheet
5Mb / 24P
Wireless Charging Transmitter
logo
Integrated Device Techn...
P9260 IDT-P9260 Datasheet
158Kb / 2P
15W Wireless Power Transmitter
logo
Vishay Siliconix
IWTXA653FZEB120KF3 VISHAY-IWTXA653FZEB120KF3 Datasheet
93Kb / 2P
Wireless Charging Transmitter Coil / Shield
01-Oct-2019
IWTX55R0DZEB8R9KF1 VISHAY-IWTX55R0DZEB8R9KF1 Datasheet
79Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
IWTX5547EEEB8R5KF1 VISHAY-IWTX5547EEEB8R5KF1 Datasheet
83Kb / 2P
Wireless Charging Transmitter Coil / Shield
26-Oct-2020
logo
Infineon Technologies A...
WLC1115 INFINEON-WLC1115 Datasheet
500Kb / 40P
Wireless charging IC (WLC) - Transmitter 15W with integrated USB Type-C PD controller
Rev. B 2022-04-22
logo
Vishay Siliconix
IWTX55R0DZEB8R9KF1 VISHAY-IWTX55R0DZEB8R9KF1_V01 Datasheet
64Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
IWTX9955DEEB110KF3 VISHAY-IWTX9955DEEB110KF3_V01 Datasheet
87Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
logo
Renesas Technology Corp
P9221-R3 RENESAS-P9221-R3 Datasheet
1Mb / 46P
15W Wireless Charging Receiver with Bi-directional Data Communication
October 20, 2017
P9243-GB RENESAS-P9243-GB Datasheet
1Mb / 41P
Wireless Power Transmitter for Smartphones with Fast Charging Modes and 15W Applications
July 7, 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com