Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # P9242-R3
Description  15W Wireless Charging Transmitter with Bi-directional Data Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R3 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button P9242-R3 Datasheet HTML 6Page - Renesas Technology Corp P9242-R3 Datasheet HTML 7Page - Renesas Technology Corp P9242-R3 Datasheet HTML 8Page - Renesas Technology Corp P9242-R3 Datasheet HTML 9Page - Renesas Technology Corp P9242-R3 Datasheet HTML 10Page - Renesas Technology Corp P9242-R3 Datasheet HTML 11Page - Renesas Technology Corp P9242-R3 Datasheet HTML 12Page - Renesas Technology Corp P9242-R3 Datasheet HTML 13Page - Renesas Technology Corp P9242-R3 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
P9242-R3/RB Datasheet
© 2019 Integrated Device Technology, Inc.
10
May 17, 2019
Symbol
Description
Conditions/Notes
Min
Typical
Max
Units
LDO18[b]
VLDO18
1.8V LDO Regulator
COUT = 1µF, VVIN_LDO = 5.5V
1.71
1.8
1.89
V
LDO33[b]
VLDO33
3.3V LDO Regulator
COUT = 1µF, VVIN_LDO = 5.5V
3.15
3.3
3.45
V
PREG
VPREG
5V LDO Regulator
5
V
Thermal Shutdown
TSD
Thermal Shutdown
Threshold rising
140
°
C
Threshold falling
120
°
C
Analog Input Pins Input Current Leakage (TS, VCOIL)
ILKG
Leakage Current
-1
1
µA
Open-Drain Pins Output Logic Levels (LED1, LED2, SCL, SDA)
VOH
Output Logic HIGH
4
V
VOL
Output Logic LOW
I = 8mA
0.5
V
Digital Input/Output Pins Logic Levels
VIH
Input Voltage HIGH Level
0.7∗VDDIO
V
VIL
Input Voltage LOW Level
0.3∗VDDIO
V
ILKG
Leakage Current
1
µA
VOH
Output Logic HIGH
I = 8mA, VDDIO = 3.3V
2.4
V
VOL
Output Logic LOW
I = 8mA, VDDIO = 3.3V
0.5
V
I2C Interface (SCL, SDA)
fSCL_SLV
Clock Frequency
As I2C slave
400
kHz
CB
Capacitive Load
For each bus line
100
pF
CBIN
SCL, SDA Input Capacitance
5
pF
ILKG
Input Leakage Current
V = GND and 3.3V
-1
1
µA
[a] The input voltage operating range is dependent upon the type of transmitter power stage (full-bridge, half-bridge) and transmitting coil
inductance. WPC specifications should be consulted for appropriate input voltage ranges by end-product type.
[b] Do not externally load. For internal biasing only.
[c] A 20mΩ, 1% or better sense resistor and a 4.7Ω, 1% input filter resistor are required to meet the FOD specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com