Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # P9242-R3
Description  15W Wireless Charging Transmitter with Bi-directional Data Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R3 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button P9242-R3 Datasheet HTML 14Page - Renesas Technology Corp P9242-R3 Datasheet HTML 15Page - Renesas Technology Corp P9242-R3 Datasheet HTML 16Page - Renesas Technology Corp P9242-R3 Datasheet HTML 17Page - Renesas Technology Corp P9242-R3 Datasheet HTML 18Page - Renesas Technology Corp P9242-R3 Datasheet HTML 19Page - Renesas Technology Corp P9242-R3 Datasheet HTML 20Page - Renesas Technology Corp P9242-R3 Datasheet HTML 21Page - Renesas Technology Corp P9242-R3 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
P9242-R3/RB Datasheet
© 2019 Integrated Device Technology, Inc.
18
May 17, 2019
7.8
Q-Factor and LED Pattern Selection – LED/Q-Fact Pin
The P9242-R3 uses two LEDs to indicate the power transfer status, faults, and various operating modes depending on the voltage level at the
LED/Q-Fact pin. In addition, this pin enables or disables the Q-factor used for FOD (see section 7.1). The LEDs are connected to the LED1 and
LED2 pins as shown in the typical application schematic in Figure 30. The Q-factor can be enabled or disabled by the voltage on the LED/Q-
fact pin as determined by the resistor divider R43 and R44 as shown in Figure 30.
Table 9.
Resistors for Setting the LED Pattern and Enabling/Disabling the Q-factor Detection for FOD
Q-Factor
Detection Option
LED/Q-Fact
Pin Voltage
R43
[kΩ]
R44
[kΩ]
LED1/LED2 Pin
Status
Standby
Transfer Complete
Fault
Enabled
1
Pull-Down
Open
10
LED1 – GREEN
Off
On
Off
Off
LED2 – RED
Off
Off
Off
Blink 4Hz
2
0.225V
10
0.732
LED1 – GREEN
On
On
Off
Off
LED2 – RED
On
Off
Off
Blink 4Hz
3
0.375V
10
1.27
LED1 – GREEN
Off
Blink 1Hz
On
Blink 4Hz
LED2 – RED
Off
Off
Off
Off
4
0.525V
10
1.87
LED1 – GREEN
Off
On
Off
Blink 4Hz
LED2 – RED
Off
Off
Off
Off
5
0.675V
10
2.55
LED1 – GREEN
On
Blink 1Hz
On
Off
LED2 – RED
On
Off
Off
Blink 4Hz
6
0.825V
10
3.32
LED1 – GREEN
Off
Off
On
Off
LED2 – RED
Off
On
Off
Blink 4Hz
7
Pull-Up
10
Open
LED1 – GREEN
Off
Blink 1Hz
On
Off
LED2 – RED
Off
Off
Off
Blink 4Hz
Disabled
1
1.125
10
5.11
LED1 – GREEN
Off
On
Off
Off
LED2 – RED
Off
Off
Off
Blink 4Hz
2
1.275
10
6.34
LED1 – GREEN
On
On
Off
Off
LED2 – RED
On
Off
Off
Blink 4Hz
3
1.425
10
7.68
LED1 – GREEN
Off
Blink 1Hz
On
Blink 4Hz
LED2 – RED
Off
Off
Off
Off
4
1.575
10
9.09
LED1 – GREEN
Off
On
Off
Blink 4Hz
LED2 – RED
Off
Off
Off
Off
5
1.725
10
11
LED1 – GREEN
On
Blink 1Hz
On
Off
LED2 – RED
On
Off
Off
Blink 4Hz
6
1.875
10
13
LED1 – GREEN
Off
Off
On
Off
LED2 – RED
Off
On
Off
Blink 4Hz
7
2.025
10
15.8
LED1 – GREEN
Off
Blink 1Hz
On
Off
LED2 – RED
Off
Off
Off
Blink 4Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com