Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # P9242-R3
Description  15W Wireless Charging Transmitter with Bi-directional Data Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R3 Datasheet(HTML) 1 Page - Renesas Technology Corp

  P9242-R3 Datasheet HTML 1Page - Renesas Technology Corp P9242-R3 Datasheet HTML 2Page - Renesas Technology Corp P9242-R3 Datasheet HTML 3Page - Renesas Technology Corp P9242-R3 Datasheet HTML 4Page - Renesas Technology Corp P9242-R3 Datasheet HTML 5Page - Renesas Technology Corp P9242-R3 Datasheet HTML 6Page - Renesas Technology Corp P9242-R3 Datasheet HTML 7Page - Renesas Technology Corp P9242-R3 Datasheet HTML 8Page - Renesas Technology Corp P9242-R3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
15W Wireless Charging Transmitter with
Bi-directional Data Communication
P9242-R3/RB
Datasheet
© 2019 Integrated Device Technology, Inc.
1
May 17, 2019
P9242-R3
External
MCU
Tx Side
P9221-R3
SCL
SDA
INT
SCL
SDA
INT
External
MCU
Rx Side
FSK
ASK
SCL
SDA
INT
SCL
SDA
INT
Description
The IDT P9242-R3 is a highly-integrated 15W magnetic induction
wireless power transmitter with in-band, bi-directional data com-
munication requiring no additional circuitry. The communication
channel can be used for proprietary device authentication and
secure system data transfer.
The P9242-R3 includes a 32-bit ARM®* Cortex®-M0 processor,
foreign object detection (FOD), wide input voltage range operation,
full bridge drivers, and on-chip simultaneous voltage and current
demodulation.
In addition, the P9242-R3 features programmable over-current
protection, programmable LED output blinking pattern, and I2C
serial interface protocol to read back information such as voltage,
current, and fault conditions. This standard device is compliant to
the WPC-1.2 specification. Combined with the P9221-R3 receiver,
the P9242-R3 forms a complete wireless power system solution for
15W applications with bi-directional data communication.
The P9242-R3 has a bootloader and application firmware pre-
programmed into the internal one-time programmable (OTP)
memory. The P9242-RB, which is pin-to-pin compatible with the
P9242-R3, has only the bootloader pre-programmed into the
internal OTP memory and uses external flash for the application
firmware so that it can be changed for specific system requirements.
The P9242-R3 is available in a space-saving 48-VFQFPN package.
It is rated for -40°C to +85ºC ambient operating temperature range.
Typical Application Circuit
* ARM® and Cortex® are trademarks of ARM, Ltd.
Features
Supports bi-directional data communication
Enables authentication and system data transfer
Up to 15W of power transfer
87% end-to-end efficiency when combined with the
P9221-R3
VIN range: 4.25V to 21V
Integrated drivers for external power FETs
Integrated step-down switching regulator
Simultaneous voltage and current demodulation
Standard device compliant with the WPC-1.2 specification
Supports the I2C interface protocol
-40°C to +85°C ambient operating temperature range
6 × 6 mm, 48-VFQFPN package, Pb-free
Typical Applications
Industrial Equipment
Consumer Electronics
Medical Equipment


Similar Part No. - P9242-R3

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9242-R IDT-P9242-R Datasheet
1Mb / 31P
Wireless Power Transmitter
logo
Renesas Technology Corp
P9242-R RENESAS-P9242-R Datasheet
1Mb / 38P
Wireless Power Transmitter for 15W Applications
January 16, 2018
logo
Integrated Device Techn...
P9242-RNDGI8 IDT-P9242-RNDGI8 Datasheet
1Mb / 31P
Wireless Power Transmitter
More results

Similar Description - P9242-R3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TSDMTX-5V2-EVM SEMTECH-TSDMTX-5V2-EVM Datasheet
5Mb / 24P
Wireless Charging Transmitter
logo
Integrated Device Techn...
P9260 IDT-P9260 Datasheet
158Kb / 2P
15W Wireless Power Transmitter
logo
Vishay Siliconix
IWTXA653FZEB120KF3 VISHAY-IWTXA653FZEB120KF3 Datasheet
93Kb / 2P
Wireless Charging Transmitter Coil / Shield
01-Oct-2019
IWTX55R0DZEB8R9KF1 VISHAY-IWTX55R0DZEB8R9KF1 Datasheet
79Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
IWTX5547EEEB8R5KF1 VISHAY-IWTX5547EEEB8R5KF1 Datasheet
83Kb / 2P
Wireless Charging Transmitter Coil / Shield
26-Oct-2020
logo
Infineon Technologies A...
WLC1115 INFINEON-WLC1115 Datasheet
500Kb / 40P
Wireless charging IC (WLC) - Transmitter 15W with integrated USB Type-C PD controller
Rev. B 2022-04-22
logo
Vishay Siliconix
IWTX55R0DZEB8R9KF1 VISHAY-IWTX55R0DZEB8R9KF1_V01 Datasheet
64Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
IWTX9955DEEB110KF3 VISHAY-IWTX9955DEEB110KF3_V01 Datasheet
87Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
logo
Renesas Technology Corp
P9221-R3 RENESAS-P9221-R3 Datasheet
1Mb / 46P
15W Wireless Charging Receiver with Bi-directional Data Communication
October 20, 2017
P9243-GB RENESAS-P9243-GB Datasheet
1Mb / 41P
Wireless Power Transmitter for Smartphones with Fast Charging Modes and 15W Applications
July 7, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com