Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # P9242-R3
Description  15W Wireless Charging Transmitter with Bi-directional Data Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R3 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button P9242-R3 Datasheet HTML 2Page - Renesas Technology Corp P9242-R3 Datasheet HTML 3Page - Renesas Technology Corp P9242-R3 Datasheet HTML 4Page - Renesas Technology Corp P9242-R3 Datasheet HTML 5Page - Renesas Technology Corp P9242-R3 Datasheet HTML 6Page - Renesas Technology Corp P9242-R3 Datasheet HTML 7Page - Renesas Technology Corp P9242-R3 Datasheet HTML 8Page - Renesas Technology Corp P9242-R3 Datasheet HTML 9Page - Renesas Technology Corp P9242-R3 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
P9242-R3/RB Datasheet
© 2019 Integrated Device Technology, Inc.
6
May 17, 2019
2. Pin Descriptions
Table 1.
Pin Descriptions
Pins
Name
Type
Function
1
EN
Input
Active-LOW enable pin. When connected to logic HIGH, the P9242-R3 enters the
Shut-Down Mode, which has a typical current consumption of 25µA. When
connected to logic LOW, the device is in normal operation.
2, 6, 34, 41, EP GND
–
Ground connection.
3
PREG
Output
Regulated 5V output used for internal device biasing. Connect a 1µF capacitor from
this pin to ground. This pin must not be externally loaded.
4
VIN
Input
Input power supply. Connect a 10µF capacitor from this pin to ground.
5
SW_S
Output
Step-down regulator`s switch node. Connect one of the terminals of the 4.7µH
inductor to this pin.
7
LDO33
Output
Regulated 3.3V output used for internal device biasing. Connect a 1µF capacitor
from this pin to ground. This pin should not be externally loaded.
8
VIN_LDO
Input
Linear regulator input power supply. Connected this pin to the 5V output of the step-
down regulator.
9
LDO18
Output
Regulated 1.8V output used for internal device biasing. Connect a 1µF capacitor
from this pin to ground. This pin should not be externally loaded.
10
LED1
Output
Open-drain output. Connect an LED to this pin
11
LED2
Output
Open-drain output. Connect an LED to this pin.
12
VDDIO
Input
Input power supply for internal biasing. This pin must be connected to LDO33.
13
D-
Input
Logic I/O for USB travel adaptor detection.
14
D+
Input
Logic I/O for USB travel adaptor detection.
15
SCL
Input
I2C interface clock input. Connect a 5.1kΩ pull-up resistor to the LDO33 rail.
16
SDA
I/O
I2C interface data input and data output. Connect a 5.1kΩ pull-up resistor to the
LDO33 rail.
17
ILIM/FOD
Input
Programmable over-current limit and foreign object detection pin. Connect the center
tap of the resistor divider to this pin to set the current-limit threshold and FOD
threshold. For more information, see section 7.1.
18
LED/Q-Fact
Input
Programmable LED pattern selection and Q-factor enable/disable. Connect the
center tap of a resistor divider to this pin. For more information on setting the LED
pattern and Q-factor enable/disable, see section 7.8 for more details.
19
VCOIL
Input
Input for coil voltage sensing.
20
TS
Input
Remote temperature sensor for over-temperature shutdown. Connect to the NTC
thermistor network. If not used, connect to the LDO33 pin through a 10kΩ resistor.
Do not leave the TS pin floating.
21
LOAD
Output
An external microcontroller (MCU) can use this signal to synchronize data upload.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com